Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC320AC02IPM Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 4 Page - Texas Instruments

  TLC320AC02IPM Datasheet HTML 1Page - Texas Instruments TLC320AC02IPM Datasheet HTML 2Page - Texas Instruments TLC320AC02IPM Datasheet HTML 3Page - Texas Instruments TLC320AC02IPM Datasheet HTML 4Page - Texas Instruments TLC320AC02IPM Datasheet HTML 5Page - Texas Instruments TLC320AC02IPM Datasheet HTML 6Page - Texas Instruments TLC320AC02IPM Datasheet HTML 7Page - Texas Instruments TLC320AC02IPM Datasheet HTML 8Page - Texas Instruments TLC320AC02IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
v
3.5.4 DAC Channel Filter Transfer Function, FCLK = 144 kHz, fs = 9.6 kHz,
VDD = 5 V
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.5 DAC Channel Signal-to-Distortion Ratio, VDD = 5 V, fs = 8 kHz
3–4
. . . . . . . .
3.5.6 System Distortion, VDD = 5 V, fs = 8 kHz, FCLK = 144 kHz
3–4
. . . . . . . . . . . .
3.5.7 Noise, Low-Pass and Band-Pass Switched-Capacitor Filters Included,
VDD = 5 V
3–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.8 Absolute Gain Error, VDD = 5 V, fs = 8 kHz
3–5
. . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.9 Relative Gain and Dynamic Range, VDD = 5 V, fs = 8 kHz
3–5
. . . . . . . . . . . . .
3.5.10 Power-Supply Rejection, VDD = 5 V
3–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.11 Crosstalk Attenuation, VDD = 5 V
3–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.12 Monitor Output Characteristics, VDD = 5 V
3–7
. . . . . . . . . . . . . . . . . . . . . . . . . .
3.6
Timing Requirements and Specifications in Master Mode
3–8
. . . . . . . . . . . . . . . . . . .
3.6.1 Recommended Input Timing Requirements for Master Mode,
VDD = 5 V
3–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.6.2 Operating Characteristics Over Recommended Range of Operating Free-Air
Temperature, VDD = 5 V
3–8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.7
Timing Requirements and Specifications in Slave Mode and Codec
Emulation Mode
3–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.7.1 Recommended Input Timing Requirements for Slave Mode,
VDD = 5 V
3–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.7.2 Operating Characteristics Over Recommended Range of Operating Free-Air
Temperature, VDD = 5 V
3–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
Parameter Measurement Information
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Typical Characteristics
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
Application Information
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com