Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP302 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP302
Description  TMP302-Q1 Automotive Grade, Easy-to-Use, Low-Power, Temperature Switch in MicroPackage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP302 Datasheet(HTML) 2 Page - Texas Instruments

  TMP302 Datasheet HTML 1Page - Texas Instruments TMP302 Datasheet HTML 2Page - Texas Instruments TMP302 Datasheet HTML 3Page - Texas Instruments TMP302 Datasheet HTML 4Page - Texas Instruments TMP302 Datasheet HTML 5Page - Texas Instruments TMP302 Datasheet HTML 6Page - Texas Instruments TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
TMP302-Q1
SLOS889C – OCTOBER 2014 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: TMP302-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Typical Characteristics .............................................. 5
8
Detailed Description .............................................. 7
8.1
Overview ................................................................... 7
8.2
Functional Block Diagram ......................................... 7
8.3
Feature Description................................................... 8
8.4
Device Functional Modes.......................................... 8
9
Application and Implementation .......................... 9
9.1
Application Information.............................................. 9
9.2
Typical Application ................................................... 9
10
Power Supply Recommendations ..................... 11
11
Layout................................................................... 11
11.1
Layout Guidelines ................................................. 11
11.2
Layout Example .................................................... 11
12
Device and Documentation Support ................. 12
12.1
Receiving Notification of Documentation Updates 12
12.2
Community Resource............................................ 12
12.3
Trademarks ........................................................... 12
12.4
Electrostatic Discharge Caution ............................ 12
12.5
Glossary ................................................................ 12
13
Mechanical, Packaging, and Orderable
Information ........................................................... 12
4 Revision History
Changes from Revision B (July 2015) to Revision C
Page
•
Changed the supply voltage maximum value from: 3.6 V to: 4 V .......................................................................................... 4
•
Changed the input pin supply voltage maximum value from: VS + 0.5 V to: VS + 0.3 and ≤ 4 V........................................... 4
•
Changed the output pin voltage maximum value from: 3.6 V to: 4 V..................................................................................... 4
•
Added the specified temperature to the Recommended Operating Conditions table ........................................................... 4
•
Updated junction-to-ambient thermal resistance from 200 to 210.3 ..................................................................................... 4
•
Updated junction-to-case (top) thermal resistance from 73.7 to 105.0 ................................................................................. 4
•
Updated junction-to-board thermal resistance from 34.4 to 87.5 .......................................................................................... 4
•
Updated junction-to-top characterization parameter from 3.1 to 6.1 ..................................................................................... 4
•
Updated junction-to-board characterization parameter from 34.2 to 87.0 ............................................................................. 4
•
Changed the Design Requirements section ........................................................................................................................ 10
•
Added the Receiving Notification of Documentation Updates section ................................................................................. 12
Changes from Revision A (November 2014) to Revision B
Page
•
Changed the Handling Ratings table to ESD Ratings and moved storage temperature to the Absolute Maximum
Ratings table .......................................................................................................................................................................... 4
Changes from Original (October 2014) to Revision A
Page
•
Changed device status From: Product Preview To: Production............................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com