Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP302 Datasheet (PDF) - Texas Instruments

TMP302 Datasheet PDF - Texas Instruments
Part # TMP302
Download  TMP302 Download
File Size   1033.44 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP302-Q1 Automotive Grade, Easy-to-Use, Low-Power, Temperature Switch in MicroPackage

TMP302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP302 Datasheet PDF - Texas Instruments

Part # TMP302
Download  TMP302 Click to download

File Size   1033.44 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP302-Q1 Automotive Grade, Easy-to-Use, Low-Power, Temperature Switch in MicroPackage

TMP302 Datasheet (HTML) - Texas Instruments


TMP302 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40ºC to 125ºC
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C6
• Low Power: 15 μA (Maximum)
• SOT563 Package: 1.6 mm × 1.6 mm × 0.6 mm
• Trip-Point Accuracy: ±0.2°C (Typical) From 40°C
to 125°C
• Pin-Selectable Trip Points
• Open-Drain Output, Active Low
• Selectable Hysteresis: 5°C or 10°C
• Low Supply Voltage Range: 1.4 to 3.6 V

2 Applications
• Infotainment
• Climate Control
• Engine Control Unit
• Automotive Black Box
• Central Body Control Module
• Airbag Control Unit
• Thermal Monitoring
• Electronic Protection Systems

3 Description
The TMP302-Q1 family of devices is a temperature
switch in a micropackage (SOT563). The TMP302-Q1
family of devices offers low power (15 μA maximum)
and ease-of-use through pin-selectable trip points
and hysteresis.
These devices require no additional components for
operation; they can function independent of
microprocessors or microcontrollers.
The TMP302-Q1 family of devices is available in
several different versions with trip points from 50ºC to
125ºC in increments of 5ºC (see the Device
Comparison Table).




Similar Part No. - TMP302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302 TI2-TMP302 Datasheet
529Kb / 20P
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
REVISED DECEMBER 2018
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302-Q1 TI2-TMP302-Q1 Datasheet
529Kb / 20P
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
REVISED DECEMBER 2018
TMP302A TI-TMP302A Datasheet
415Kb / 11P
Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
More results


Similar Description - TMP302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302A TI-TMP302A Datasheet
415Kb / 11P
Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP112-Q1 TI1-TMP112-Q1 Datasheet
946Kb / 33P
TMP112-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
Temperature Range Monitor In Micropackage
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com