Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP302 Datasheet (PDF) - Texas Instruments

TMP302 Datasheet PDF - Texas Instruments
Part # TMP302
Download  TMP302 Download
File Size   529.4 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage

TMP302 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP302 Datasheet PDF - Texas Instruments

Part # TMP302
Download  TMP302 Click to download

File Size   529.4 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage

TMP302 Datasheet (HTML) - Texas Instruments


TMP302 Product details

1 Features
1• Low Power: 15 μA (Maximum)
• SOT563 Package: 1.6-mm × 1.6-mm × 0.6 mm
• Trip-Point Accuracy: ±0.2°C (Typical) From +40°C
to +125°C
• Pin-Selectable Trip Points
• Open-Drain Output
• Pin-Selectable Hysteresis: 5°C and 10°C
• Low Supply Voltage Range: 1.4 V to 3.6 V

2 Applications
• Cell Phone Handsets
• Portable Media Players
• Consumer Electronics
• Servers
• Power-Supply Systems
• DC-DC Modules
• Thermal Monitoring
• Electronic Protection Systems

3 Description
The TMP302 device is a temperature switch in a
micropackage (SOT563). The TMP302 offers low
power (15-μA maximum) and ease-of-use through
pin-selectable trip points and hysteresis.
These devices require no additional components for
operation; they can function independent of
microprocessors or microcontrollers.
The TMP302 is available in several different versions.
For additional trip points, contact a TI representative.




Similar Part No. - TMP302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302 TI2-TMP302 Datasheet
1Mb / 20P
TMP302-Q1 Automotive Grade, Easy-to-Use, Low-Power, Temperature Switch in MicroPackage
REVISED SEPTEMBER 2018
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302-Q1 TI2-TMP302-Q1 Datasheet
1Mb / 20P
TMP302-Q1 Automotive Grade, Easy-to-Use, Low-Power, Temperature Switch in MicroPackage
REVISED SEPTEMBER 2018
TMP302A TI-TMP302A Datasheet
415Kb / 11P
Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
More results


Similar Description - TMP302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302A TI-TMP302A Datasheet
415Kb / 11P
Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
Temperature Range Monitor In Micropackage
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Texas Instruments
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com