Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP302 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP302
Description  TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP302 Datasheet(HTML) 2 Page - Texas Instruments

  TMP302 Datasheet HTML 1Page - Texas Instruments TMP302 Datasheet HTML 2Page - Texas Instruments TMP302 Datasheet HTML 3Page - Texas Instruments TMP302 Datasheet HTML 4Page - Texas Instruments TMP302 Datasheet HTML 5Page - Texas Instruments TMP302 Datasheet HTML 6Page - Texas Instruments TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1
TRIPSET0
6
TRIPSET1
2
GND
5
VS
3
OUT
4
HYSTSET
2
TMP302
SBOS488E – JUNE 2009 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP302
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 2
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 5
7
Detailed Description .............................................. 7
7.1
Overview ................................................................... 7
7.2
Functional Block Diagram ......................................... 7
7.3
Feature Description................................................... 8
7.4
Device Functional Modes.......................................... 8
8
Application and Implementation .......................... 9
8.1
Application Information.............................................. 9
8.2
Typical Application ................................................... 9
9
Power Supply Recommendations ...................... 11
10
Layout................................................................... 11
10.1
Layout Guidelines ................................................. 11
10.2
Layout Example .................................................... 11
11
Device and Documentation Support ................. 12
11.1
Receiving Notification of Documentation Updates 12
11.2
Community Resources.......................................... 12
11.3
Trademarks ........................................................... 12
11.4
Electrostatic Discharge Caution ............................ 12
11.5
Glossary ................................................................ 12
12
Mechanical, Packaging, and Orderable
Information ........................................................... 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (October 2018) to Revision E
Page
•
Changed the input pin supply voltage maximum value from: : VS + 0.5 and ≤ 4 V to: : VS + 0.3 and ≤ 4 V ......................... 4
Changes from Revision B (December 2014) to Revision C
Page
•
Changed device names by simplifying from TMP302A, TMP302B, TMP302C, and TMP302D to TMP302 ......................... 1
•
Added plus-minus symbol to Machine Model value in ESD Ratings table............................................................................. 4
•
Moved Specified Operating Temperature parameter from Electrical Characteristics table to Recommended
Operating Conditions table ..................................................................................................................................................... 4
•
Added Community Resources section ................................................................................................................................. 12
Changes from Revision A (September 2009) to Revision B
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
5 Pin Configuration and Functions
DRL Package
6-Pin SOT
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com