Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP302 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP302
Description  TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP302 Datasheet(HTML) 1 Page - Texas Instruments

  TMP302 Datasheet HTML 1Page - Texas Instruments TMP302 Datasheet HTML 2Page - Texas Instruments TMP302 Datasheet HTML 3Page - Texas Instruments TMP302 Datasheet HTML 4Page - Texas Instruments TMP302 Datasheet HTML 5Page - Texas Instruments TMP302 Datasheet HTML 6Page - Texas Instruments TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
40
35
30
25
20
15
10
5
0
Accuracy (
)
C
°
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP302
SBOS488E – JUNE 2009 – REVISED DECEMBER 2018
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
1
1 Features
1
•
Low Power: 15 μA (Maximum)
•
SOT563 Package: 1.6-mm × 1.6-mm × 0.6 mm
•
Trip-Point Accuracy: ±0.2°C (Typical) From +40°C
to +125°C
•
Pin-Selectable Trip Points
•
Open-Drain Output
•
Pin-Selectable Hysteresis: 5°C and 10°C
•
Low Supply Voltage Range: 1.4 V to 3.6 V
2 Applications
•
Cell Phone Handsets
•
Portable Media Players
•
Consumer Electronics
•
Servers
•
Power-Supply Systems
•
DC-DC Modules
•
Thermal Monitoring
•
Electronic Protection Systems
3 Description
The TMP302 device is a temperature switch in a
micropackage (SOT563). The TMP302 offers low
power (15-μA maximum) and ease-of-use through
pin-selectable trip points and hysteresis.
These devices require no additional components for
operation;
they
can
function
independent
of
microprocessors or microcontrollers.
The TMP302 is available in several different versions.
For additional trip points, contact a TI representative.
Device Information(1)
PART NUMBER
PACKAGE
SELECTABLE TRIP
POINTS (ºC)(2)
TMP302A
SOT (6)
50, 55, 60, 65
TMP302B
SOT (6)
70, 75, 80, 85
TMP302C
SOT (6)
90, 95, 100, 105
TMP302D
SOT (6)
110, 115, 120, 125
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) For other available trip points, contact a TI representative.
Trip Threshold Accuracy


Similar Part No. - TMP302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302 TI2-TMP302 Datasheet
1Mb / 20P
TMP302-Q1 Automotive Grade, Easy-to-Use, Low-Power, Temperature Switch in MicroPackage
REVISED SEPTEMBER 2018
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302-Q1 TI2-TMP302-Q1 Datasheet
1Mb / 20P
TMP302-Q1 Automotive Grade, Easy-to-Use, Low-Power, Temperature Switch in MicroPackage
REVISED SEPTEMBER 2018
TMP302A TI-TMP302A Datasheet
415Kb / 11P
Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
More results

Similar Description - TMP302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP302A TI-TMP302A Datasheet
415Kb / 11P
Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
Temperature Range Monitor In Micropackage
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Texas Instruments
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com