Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP302 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP302
Description  TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP302 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP302 Datasheet HTML 2Page - Texas Instruments TMP302 Datasheet HTML 3Page - Texas Instruments TMP302 Datasheet HTML 4Page - Texas Instruments TMP302 Datasheet HTML 5Page - Texas Instruments TMP302 Datasheet HTML 6Page - Texas Instruments TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments TMP302 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Time (8 µs/div)
OUT
V
S
Time (10 ms/div)
OUT
V
S
40
35
30
25
20
15
10
5
0
Accuracy (
)
C
°
400
350
300
250
200
150
100
50
0
-75
-50
-25
0
25
50
75
100
125
150
Temperature ( C)
°
120
100
80
60
40
20
0
0
5
10
15
20
25
30
Time (s)
100
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
100
120
140
160
180
200
Time (s)
6
TMP302
SBOS488E – JUNE 2009 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP302
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C and VS = 3.3 V, unless otherwise noted.
Figure 3. Temperature Step Response in Perfluorinated
Fluid at 100°C vs Time
Figure 4. Thermal Step Response in Air at 100°C vs Time
Figure 5. Trip Threshold Accuracy
VS = 1.4 V
IOL = 2 mA
Figure 6. Output Logic-Level Low VOL vs Temperature
Figure 7. Power-Up and Power-Down Response
TMP302A, TA = 55°C
TRIPSET1 = TRIPSET0 = GND
Figure 8. Power-Up, Trip, and Power-Down Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com