Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP302 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP302
Description  TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP302 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP302 Datasheet HTML 6Page - Texas Instruments TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments TMP302 Datasheet HTML 10Page - Texas Instruments TMP302 Datasheet HTML 11Page - Texas Instruments TMP302 Datasheet HTML 12Page - Texas Instruments TMP302 Datasheet HTML 13Page - Texas Instruments TMP302 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TMP302
TRIPSET0
TRIPSET1
HYSTSET
GND
VS
OUT
0.1 µF
OUTPUT
VS
1.4 V to 3.6 V
10 k
10
TMP302
SBOS488E – JUNE 2009 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP302
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
Typical Application (continued)
Figure 11. TMP302 Generic Application Schematic
8.2.1 Design Requirements
Designing with the TMP302 family of devices is simple. The TMP302 family of devices is a temperature switch
commonly used to signal a microprocessor in the event of an over temperature condition. The temperature at
which the TMP302 family of devices issues an active low alert is determined by the configuration of the
TRIPSET0 and TRIPSET1 pins. These two pins are digital inputs and must be tied either high or low, according
to Table 1. The TMP302 family of devices issues an active low alert when the temperature threshold is
exceeded. The device has built-in hysteresis to avoid the device from signaling the microprocessor as soon as
the temperature drops below the temperature threshold. The amount of hysteresis is determined by the
HYSTSET pin. This pin is a digital input and must be tied either high or low, according to Table 2.
See Figure 10 and Figure 11 for typical circuit configurations.
8.2.2 Detailed Design Procedure
Determine the threshold temperature and hysteresis required for the application. Connect the TMPSET0,
TMPSET1, and HYSTSET pins according to the design requirements. Refer to Table 1 and Table 2. Use a 10-kΩ
pullup resistor from the OUT pin to the VS pin. To minimize power, a larger-value pullup resistor can be used but
must not exceed 100 kΩ. Place a 0.1-µF bypass capacitor close to the TMP302 device to reduce noise coupled
from the power supply.
8.2.3 Application Curves
Figure 12 and Figure 13 show the TMP302A power-on response with the ambient temperature less than 50°C
and greater than 50°C respectively. The TMP302A was configured with trip point set to 50°C. The TMP302B,
TMP302C, and TMP302D devices behave similarly with regards to power on response with TA below or above
the trip point. Note that the OUT signal typically requires 35 ms following power on to become valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com