Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP302 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP302
Description  TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP302 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP302 Datasheet HTML 7Page - Texas Instruments TMP302 Datasheet HTML 8Page - Texas Instruments TMP302 Datasheet HTML 9Page - Texas Instruments TMP302 Datasheet HTML 10Page - Texas Instruments TMP302 Datasheet HTML 11Page - Texas Instruments TMP302 Datasheet HTML 12Page - Texas Instruments TMP302 Datasheet HTML 13Page - Texas Instruments TMP302 Datasheet HTML 14Page - Texas Instruments TMP302 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TRIPSET0
TRIPSET1
GND
OUT
VS
HYSTSET
Heat Source
0.1 µF
VIA to Power Ground Plane
Ground Plane for
Thermal
Coupling to Heat
Source
Supply Voltage
Output
10 k
Time (5 µs/div)
OUT
VS
Time (10 ms/div)
OUT
VS
11
TMP302
www.ti.com
SBOS488E – JUNE 2009 – REVISED DECEMBER 2018
Product Folder Links: TMP302
Submit Documentation Feedback
Copyright © 2009–2018, Texas Instruments Incorporated
Typical Application (continued)
Figure 12. TMP302A Power-On Response,
TA Less than 50°C
Figure 13. TMP302A Power-On Response,
TA Greater than 50°C
9 Power Supply Recommendations
The TMP302 family of devices is designed to operate from a single power supply within the range 1.4 V and 3.6
V. No specific power supply sequencing with respect to any of the input or output pins is required. The TMP302
family of devices is fully functional within 35 ms of the voltage at the VS pin reaching or exceeding 1.4 V.
10 Layout
10.1 Layout Guidelines
Place the power supply bypass capacitor as close as possible to the VS and GND pins. The recommended value
for this bypass capacitor is 0.1-µF. Additional bypass capacitance can be added to compensate for noisy or high-
impedance power supplies. Place a 10-kΩ pullup resistor from the open drain OUT pin to the power supply pin
VS.
10.2 Layout Example
Figure 14. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com