Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC1021 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC1021
Description  TPIC1021 LIN Physical Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC1021 Datasheet(HTML) 2 Page - Texas Instruments

  TPIC1021 Datasheet HTML 1Page - Texas Instruments TPIC1021 Datasheet HTML 2Page - Texas Instruments TPIC1021 Datasheet HTML 3Page - Texas Instruments TPIC1021 Datasheet HTML 4Page - Texas Instruments TPIC1021 Datasheet HTML 5Page - Texas Instruments TPIC1021 Datasheet HTML 6Page - Texas Instruments TPIC1021 Datasheet HTML 7Page - Texas Instruments TPIC1021 Datasheet HTML 8Page - Texas Instruments TPIC1021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Description (continued).................................................. 3
6 Pin Configuration and Functions...................................3
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings........................................ 4
7.2 ESD Ratings............................................................... 4
7.3 Recommended Operating Conditions.........................4
7.4 Thermal Information....................................................4
7.5 Electrical Characteristics.............................................5
7.6 Timing Requirements..................................................6
7.7 Typical Characteristics................................................ 7
8 Detailed Description........................................................8
8.1 Overview..................................................................... 8
8.2 Functional Block Diagram........................................... 8
8.3 Feature Description.....................................................8
8.4 Device Functional Modes..........................................10
9 Application and Implementation.................................. 13
9.1 Application Information............................................. 13
9.2 Typical Application.................................................... 13
9.3 Power Supply Recommendations.............................14
9.4 Layout....................................................................... 14
10 Device and Documentation Support..........................16
10.1 Receiving Notification of Documentation Updates..16
10.2 Support Resources................................................. 16
10.3 Trademarks.............................................................16
10.4 Electrostatic Discharge Caution..............................16
10.5 Glossary..................................................................16
11 Mechanical, Packaging, and Orderable
Information.................................................................... 16
4 Revision History
Changes from Revision D (June 2015) to Revision E (May 2022)
Page
• Changed Feature From: "...Revision 2.0 compliant" To: "... Revision 2.1 compliant"......................................... 1
• Changed all instances of legacy terminology to commander and responder where mentioned.........................1
• Changed From: "LIN Physical Layer Specification Revision 2.0" To: "LIN Physical Layer Specification
Revision 2.1" in the Description (continued) ......................................................................................................3
• Added: (LIN 2.1 compatible) to Note 2 of the Timing Requirements ................................................................. 6
• Changed paragraph three in the Transmitter Characteristics section.................................................................8
• Changed three instances of "IHN" to "INH" in Figure 8-1 ................................................................................ 10
Changes from Revision C (July 2005) to Revision D (June 2015)
Page
• Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ............................................................................................................................................................... 1
TPIC1021
SLIS113E – OCTOBER 2004 – REVISED MAY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TPIC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com