Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC1021 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPIC1021
Description  TPIC1021 LIN Physical Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPIC1021 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC1021 Datasheet HTML 9Page - Texas Instruments TPIC1021 Datasheet HTML 10Page - Texas Instruments TPIC1021 Datasheet HTML 11Page - Texas Instruments TPIC1021 Datasheet HTML 12Page - Texas Instruments TPIC1021 Datasheet HTML 13Page - Texas Instruments TPIC1021 Datasheet HTML 14Page - Texas Instruments TPIC1021 Datasheet HTML 15Page - Texas Instruments TPIC1021 Datasheet HTML 16Page - Texas Instruments TPIC1021 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
9.1 Application Information
The TPIC1021 can be used as both a responder device and a commander device in a LIN network. It comes
with the ability to support both remote wake-up requests and local wake-up requests.
9.2 Typical Application
The device comes with an integrated 30-kΩ pullup resistor and series diode for responder applications, and for
commander applications an external 1-kΩ pullup with series blocking diode can be used. Figure 9-1 shows the
device being used in both types of applications.
bat
VBAT
VSUP
TPIC7xxxx
VSUP
VDD
VDD
VDD
VSUP
INH
NWake
TPIC1021
MCU
COMMANDER
NODE
TMS430
TMS470
LIN
Controller
or
SCI/UART1
EN
RXD
TXD
MCU w/o
pull−up2
VDD I/O
GND
2
8
3
7
1
4
5
6
Commander
Pull−Up3
1 kW
LIN
220 pF
VSUP
TPIC7xxxx
VSUP
VDD
VDD
VSUP
INH
NWake
TPIC1021
MCU
TMS430
TMS470
LIN
Controller
or
SCI/UART1
EN
TXD
MCU w/o
pull−up 2
VDD I/O
GND
2
8
3
7
1
4
5
6
LIN
220 pF
RXD
RESPONDER
NODE
Node
A.
See 1 in the Section 9.2.1 section
B.
See 2 in the Section 9.2.1 section
C.
See 3 in the Section 9.2.1 section
Figure 9-1. Typical Application Schematic
www.ti.com
TPIC1021
SLIS113E – OCTOBER 2004 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPIC1021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com