Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22981RGPR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS22981RGPR
Description  TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 3Page - Texas Instruments TPS22981RGPR Datasheet HTML 4Page - Texas Instruments TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments TPS22981RGPR Datasheet HTML 10Page - Texas Instruments TPS22981RGPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TPS22981
www.ti.com
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
7 Detailed Description
7.1 Overview
TPS22981 is a power mux designed for Thunderbolt™ and Thunderbolt II™ applications (based on the Mini
DisplayPort connector). Thunderbolt and Thunderbolt II provide options for different voltage levels to be supplied
to an external Thunderbolt cable, and on to a device or host connected on the far end of that cable. Thunderbolt
and Thunderbolt II initiate operation with a nominal 3.3-V voltage (3-V to 3.6-V range is supported by TPS22981),
but can be configured through the interface protocol to enable a high-voltage mode (TPS22981 supports the
range of 4.5 V to 19.8 V). In operation, transition from the 3.3-V mode to the high-voltage mode requires that
system brownout not occur. The TPS22981 achieves this by enabling the high-voltage path (when a high-voltage
input is available and HV_EN is asserted) and monitoring for reverse current though the low-voltage switch back
to V3P3. When reverse current is detected, the low-voltage path is disabled. Similarly, when switching from high
voltage back to low voltage, it is normally undesirable for the system output voltage to brownout. TPS22981
avoids brownout by breaking the high-voltage connection and discharging the output until it reaches
approximately 3.3 V, at which point the low-voltage path is enabled to avoid excessive droop of the output
voltage. However, if the output voltage (on the OUT pins) is loaded, the output voltage may transition to 0 V
before returning to 3.3 V (see Transition Delays).
TPS22981 also provides resistor-controlled current limiting, undervoltage lockout (UVLO), and thermal protection.
The high-voltage path on TPS22981 may be current limited to two independently controlled current-limiting
levels, with the current-limiting level selected through the S0 input pin. A system host processor may be alerted
to fault conditions with the FAULTZ pin (see Table 3).
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com