Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22981RGPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS22981RGPR
Description  TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS22981RGPR Datasheet HTML 9Page - Texas Instruments TPS22981RGPR Datasheet HTML 10Page - Texas Instruments TPS22981RGPR Datasheet HTML 11Page - Texas Instruments TPS22981RGPR Datasheet HTML 12Page - Texas Instruments TPS22981RGPR Datasheet HTML 13Page - Texas Instruments TPS22981RGPR Datasheet HTML 14Page - Texas Instruments TPS22981RGPR Datasheet HTML 15Page - Texas Instruments TPS22981RGPR Datasheet HTML 16Page - Texas Instruments TPS22981RGPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
0
1
2
3
4
5
6
7
8
9
Short Resistance -
TPS22981
www.ti.com
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
Figure 8. Overcurrent Response Time vs Short Resistance
All short-circuit conditions are treated as overcurrent conditions. In the event of a short circuit, the device will limit
the output current to the corresponding RSET value and continue to do so until thermal shutdown is encountered
or the short-circuit condition is removed.
7.3.7 Reverse Current Protection
Reverse current protection for the V3P3 supply to OUT triggers at IREV3P3 causing the V3P3 supply switch to
open. When the HV_EN signal is not asserted and reverse current protection is triggered, a discharge current
source is turned on to bring the output voltage to near the V3P3 voltage.
7.3.8 Reverse Current Blocking
The VHV switch blocks reverse current flow from OUT to VHV when the switch is off.
7.3.9 Thermal Shutdown
The device enters thermal shutdown when junction temperature reaches TSD. The device will resume previous
state on power up once the junction temperature has dropped by 10°C. Connect thermal vias to the exposed
GND pad underneath the device package for improved thermal diffusion.
7.4 Device Functional Modes
7.4.1 UVLO and Enable
When ENHVU is low, the TPS22981 is enabled by the logical AND of the EN input, the V3P3 UVLO, and the
Thermal Shutdown. When the V3P3 UVLO threshold has been crossed, the device is not in thermal shutdown,
and the EN input is high, the device will enable. When the V3P3 UVLO triggers, regardless of the states of any
digital logic controls, the device will open all switches.
ENHVU adds the VHV UVLO to the logical decision enabling the device. When ENHVU is high, the TPS22981 is
enabled by the logical AND of the EN input, the V3P3 UVLO, the VHV UVLO, and the thermal shutdown. When
both UVLO thresholds have been crossed, the device is not in thermal shutdown, and the EN input is high, the
device will enable. When either UVLO triggers, regardless of the states of any digital logic controls, the device
will open all switches. Table 2 shows the pin and voltage configurations for enabling the device.
NOTE
A 1 for the UVLO columns means the device is in a UVLO condition. A PD indicates a
pulldown resistance of ROUTDIS to GND.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com