Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18/2P Datasheet(PDF) 1 Page - Structured Cable Products Inc.

Part # 18/2P
Description  2C/18 AWG STRANDED PLENUM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STRUCTURED-CABLE [Structured Cable Products Inc.]
Direct Link  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

18/2P Datasheet(HTML) 1 Page - Structured Cable Products Inc.

  18/2P Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.scpcat5e.com
sales@scpcat5e.com
Direct: 954-327-5770
Toll Free: 866-470-5742
SCP PART#: 18/2P
DESCRIPTION:
2C/18 AWG STRANDED PLENUM- WHITE - 1000 FT SPOOL
UPC: 810070010683
Date 10/14/2019
Mailing: P.O. Box 276, Trenton, ON K8V 5R5
SPECIFICATION SHEET
Phone: 888- ELECTRO or 613-394-4896
Fax: 613-394-4101 email: sales@electrocables.com
www.electrocables.com
11-Oct-2019
Product Number :
Unsh Cable 2/C 18/7 AWG SBC
PVC PLENUM Insulation
PVC PLENUM White FT-6 Jacket
1000 FEET
RoHS
18/2P
General Specification of Product :
Final Diameter :
0.164 inches
4.166 mm
Total Cable Weight:
26
17
kg/km
lbs/1000 ft
Conductor :
18 AWG 7 x.0155 Bare Copper
PVC
Insulation :
PVC
Outer Jacket :
Print Notes :
Sequentially marked per 2FT (0 - infinity)
Standard Print : STRUCTURED CABLE PRODUCTS --- P/N 18/2P --- (UL) CL2P/CL3P
E198137-SCP OR FPLP 75°C (UL) C(UL) CMP FT-6 UNSH 2/C 18 AWG ---
ZONE/DEVICE A B C D E 0 1 2 3 4 5 6 7 8 9 RoHS
Electrical Characteristics :
DC Resistance 25°C: 6.7 Ohms / 1000 ft
21.9 pF/ft
Mutual Capacitance :
75 Ohms
Impedance :
61 %
Velocity of Prop :
1.2 mH/km
Inductance. :
Additional Information :
Cabled OD Avg: 0.130
Ins Thickness: 0.008
Jkt Thickness: 0.015
Certified: UL CL2P/CL3P OR FPLP / UL C(UL) CMP
Flame Rating: Plenum
Max Voltage: 300V
Packaging: Plywood Spool 10 x 7 x 5"
Packaging Weight: 18 lbs / 8 kgs
UNCONTROLLED COPY
SpecSheets.rpt
Part Spec Rev:2
06/10/15
( All of the above values are approximated to within
)
+/- 10%
7561802BPV6.02S.1000
All Cables are Canadian Made in Ontario
QMS Registered ISO 9001
Electro Cables Inc. has been manufacturing quality cables for over 30 years.


Similar Part No. - 18/2P

ManufacturerPart #DatasheetDescription
logo
Structured Cable Produc...
18/2P-500 STRUCTURED-CABLE-18/2P-500 Datasheet
609Kb / 1P
2C/18 AWG STRANDED PLENUM
02/22
More results

Similar Description - 18/2P

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9028A GENERAL-C9028A Datasheet
71Kb / 1P
2C 18 AWG 16/30 TC PVC / PVC
C1357 GENERAL-C1357 Datasheet
57Kb / 1P
2C 18 AWG PVC PARALLEL
logo
List of Unclassifed Man...
1344189 ETC2-1344189 Datasheet
100Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1345074 ETC2-1345074 Datasheet
99Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1345332 ETC2-1345332 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation,
1345992 ETC2-1345992 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1346352 ETC2-1346352 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, plenum, FEP insulation,
82442 ETC2-82442 Datasheet
97Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, plenum, FEP insulation
82723 ETC2-82723 Datasheet
99Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, FEP insulation
1325A ETC2-1325A Datasheet
98Kb / 3P
22 AWG stranded (7x30) TC conductors, plenum, Flamarrest insulation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com