Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950 Datasheet(HTML) 1 Page - Texas Instruments

  LP2950 Datasheet HTML 1Page - Texas Instruments LP2950 Datasheet HTML 2Page - Texas Instruments LP2950 Datasheet HTML 3Page - Texas Instruments LP2950 Datasheet HTML 4Page - Texas Instruments LP2950 Datasheet HTML 5Page - Texas Instruments LP2950 Datasheet HTML 6Page - Texas Instruments LP2950 Datasheet HTML 7Page - Texas Instruments LP2950 Datasheet HTML 8Page - Texas Instruments LP2950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
OUTPUT
GND
INPUT
1
2
3
4
8
7
6
5
INPUT
FEEDBACK
VTAP
ERROR
OUTPUT
SENSE
SHUTDOWN
GND
LP2951...D (SOIC) PACKAGE
(TOP VIEW)
LP2950...LP (TO-226/TO-92 PACKAGE
(BOTTOM VIEW)
DESCRIPTION/ORDERING INFORMATION
LP2950
,, LP2951
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
WITH SHUTDOWN
SLVS582D – APRIL 2006 – REVISED MARCH 2007
• Wide Input Range…up to 30 V
• Stable With Low ESR (>12 mΩ) Capacitors
• Rated Output Current of 100 mA
• Current- and Thermal-Limiting Features
• Low Dropout…380 mV (Typ) at 100 mA
• LP2950 Only (3-Pin Package)
• Low Quiescent Current…75 µA (Typ)
–
Fixed-Output Voltages of 5 V, 3.3 V,
and 3 V
• Tight Line Regulation…0.03% (Typ)
• LP2951 Only (8-Pin Package)
• Tight Load Regulation…0.04% (Typ)
–
Fixed- or Adjustable-Output Voltages:
• High V
O Accuracy
5 V/ADJ, 3.3 V/ADJ, and 3 V/ADJ
–
1.4% at 25
°C
–
Low-Voltage Error Signal on Falling Output
–
2% Over Temperature
–
Shutdown Capability
• Can Be Used as a Regulator or Reference
–
Remote Sense Capability for Optimal
Output Regulation and Accuracy
The LP2950 and LP2951 devices are bipolar, low-dropout voltage regulators that can accommodate a wide input
supply-voltage range of up to 30 V. The easy-to-use, 3-pin LP2950 is available in fixed-output voltages of 5 V,
3.3 V, and 3 V. However, the 8-pin LP2951 is able to output either a fixed or adjustable output from the same
device. By tying the OUTPUT and SENSE pins together, and the FEEDBACK and VTAP pins together, the
LP2951 outputs a fixed 5 V, 3.3 V, or 3 V (depending on the version). Alternatively, by leaving the SENSE and
VTAP pins open and connecting FEEDBACK to an external resistor divider, the output can be set to any value
between 1.235 V to 30 V.
The 8-pin LP2951 also offers additional functionality that makes it particularly suitable for battery-powered
applications. For example, a logic-compatible shutdown feature allows the regulator to be put in standby mode
for power savings. In addition, there is a built-in supervisor reset function in which the ERROR output goes low
when VOUT drops by 6% of its nominal value for whatever reasons – due to a drop in VIN, current limiting, or
thermal shutdown.
The LP2950 and LP2951 are designed to minimize all error contributions to the output voltage. With a tight
output tolerance (0.5% at 25
°C), a very low output voltage temperature coefficient (20 ppm typical), extremely
good line and load regulation (0.3% and 0.4% typical), and remote sensing capability, the parts can be used as
either low-power voltage references or 100-mA regulators.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
Series of Adjustable Micropower Voltage Regulators
logo
ON Semiconductor
LP2950 ONSEMI-LP2950 Datasheet
289Kb / 16P
Micropower Voltage Regulators
October, 1999 ??Rev. 5
logo
Sipex Corporation
LP2950 SIPEX-LP2950 Datasheet
467Kb / 13P
100 mA Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
More results

Similar Description - LP2950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950 Datasheet
2Mb / 26P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_09 Datasheet
2Mb / 26P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950_11 Datasheet
3Mb / 31P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950 Datasheet
3Mb / 31P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_15 Datasheet
3Mb / 32P
Adjustable Micropower Voltage Regulators with Shutdown
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com