Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2950 Datasheet HTML 13Page - Texas Instruments LP2950 Datasheet HTML 14Page - Texas Instruments LP2950 Datasheet HTML 15Page - Texas Instruments LP2950 Datasheet HTML 16Page - Texas Instruments LP2950 Datasheet HTML 17Page - Texas Instruments LP2950 Datasheet HTML 18Page - Texas Instruments LP2950 Datasheet HTML 19Page - Texas Instruments LP2950 Datasheet HTML 20Page - Texas Instruments LP2950 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.ti.com
5 V
1.3 V
Input
Voltage
Output
Voltage
ERROR
4.75 V
Programming Output Voltage (LP2951 Only)
V
OUT
+ VREF
1 )
R1
R2 *
I
FBR1
(2)
LP2950
,, LP2951
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
WITH SHUTDOWN
SLVS582D – APRIL 2006 – REVISED MARCH 2007
APPLICATION INFORMATION (continued)
Figure 1. ERROR Output Timing
Because the ERROR comparator has an open-collector output, an external pullup resistor is required to pull the
output up to VOUT or another supply voltage (up to 30 V). The output of the comparator is rated to sink up to
400
µA. A suitable range of values for the pullup resistor is from 100 kΩ to 1 MΩ. If ERROR is not used, it can
be left open.
A unique feature of the LP2951 is its ability to output either a fixed voltage or an adjustable voltage, depending
on the external pin connections. To output the internally programmed fixed voltage, tie the SENSE pin to the
OUTPUT pin and the FEEDBACK pin to the VTAP pin. Alternatively, a user-programmable voltage ranging from
the internal 1.235-V reference to a 30-V max can be set by using an external resistor divider pair. The resistor
divider is tied to VOUT, and the divided-down voltage is tied directly to FEEDBACK for comparison against the
internal 1.235-V reference. To satisfy the steady-state condition in which its two inputs are equal, the error
amplifier drives the output to equal Equation 2:
Where:
VREF = 1.235 V applied across R2
IFB = FEEDBACK bias current, typically 20 nA
A minimum regulator output current of 1
µA must be maintained. Thus, in an application where a no-load
condition is expected (for example, CMOS circuits in standby), this 1-
µA minimum current must be provided by
the resistor pair, effectively imposing a maximum value of R2 = 1.2 M
Ω (1.235 V/1.2 MΩ ≈ 1 µA).
IFB = 20 nA introduces an error of ≈0.02% in VOUT. This can be offset by trimming R1. Alternatively, increasing
the divider current makes IFB less significant, thus, reducing its error contribution. For instance, using R2 = 100
k
Ω reduces the error contribution of I
FB to 0.17% by increasing the divider current to ≈12 µA. This increase in the
divider current still is small compared to the 600-
µA typical quiescent current of the LP2951 under no load.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com