Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT4H-TL0/147 Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # PLT4H-TL0/147
Description  Heavy Duty Cable Management Solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT4H-TL0/147 Datasheet(HTML) 8 Page - PANDUIT CORP.

Back Button PLT4H-TL0/147 Datasheet HTML 4Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 5Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 6Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 7Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 8Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 9Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 10Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 11Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 12Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Representative offering only, visit www.panduit.com for complete listing of products.
Applications
• Run cable and hose along the frame rails
• Secure a bundle under a chassis assembly
• Manage wire harnesses in the cab and sleeper
• Use a through-hole in frame/chassis to mount
Solution
Panduit Sta-Strap® Classic Mount Ties are uniquely designed to
secure a bundle directly to a chassis or panel utilizing a through hole
Features
• Eliminates the need for separate fasteners to reduce costs and
decrease installation time
• Remains adjustable and releasable until tie is tensioned and
cut-off
• Installs easily with Panduit hand-operated tools.
• Engages clearance hole with optional centering pilot
(2 designs) to prevent tie from shifting or abrading during
vehicle operation
Chassis Mount Ties and Spacer
Part Number
Length
Width
Thickness
Hole Diameter Range
Max.
Bundle Dia.
Min. Loop
Tensile Str. Recommended
Installation Tool
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In. mm
In. mm In. mm
In.
mm
In. mm Lbs. N
Without Centering Pilot
SSPM2.5H-L300
10.1 257 0.300 7.6 0.062 1.6 0.316 – 0.820 8.0 – 21.0 2.76 70
120 534 GTH-E, GS4H-E,
GS4EH-E, PTH,
STH2, ST3EH
50 2500
SSPM4H-L300
14.8 376 0.300 7.6 0.062 1.6 0.316 – 0.820 8.0 – 21.0 4.00 102 120 534
50 2500
With Centering Pilot
SSPM2.5HP-L300
10.1 257 0.300 7.6 0.062 1.6 0.440 – 0.820 11.2 – 21.0 2.76 70
120 534 GTH-E, GS4H-E,
GS4EH-E, PTH,
STH2, ST3EH
50 2500
SSPM4HP-L300
14.8 376 0.300 7.6 0.062 1.6 0.440 – 0.820 11.2 – 21.0 4.00 102 120 534
50 2500
With Long Centering Pilot
SSPM4HLP-TL300
14.8 376 0.300 7.6 0.062 1.6 0.440 – 0.820 11.2 – 21.0 4.00 102 120 534 GTH-E, GS4H-E,
GS4EH-E, PTH,
STH2, ST3EH
250 2500
Part Number (mm)
Cable Tie
Channel (A)
in. (mm)
Width (B)
in. (mm)
Standoff
Height (C)
in. (mm)
Base
Depth (D)
in. (mm)
Recommended
Panel Hole
Diam. (E)
in. (mm)
Std
Pkg.
Qty
Std
Ctn.
Qty
TMSH50-T300
0.310
(7.875)
1.00
(25.4)
1.00
(25.4)
1.00
(25.4)
.50
(12.7)
100
1000
A REF.
C
B
D
25.4
OPTICAL CENTERING PILOT
To ensure coverage of hole up to 18mm.
Three Easy Steps
1
2
3
Insert tip end of STA-STRAP
cable tie through the correct
size pre-drilled hole in the panel
or chassis.
Wrap cable tie around the
bundle and insert the tip end
back through the hole and
head of the cable tie.
Pull tip and until STA-STRAP
cable tie is snug on bundle.
Tension and cut off excess
portion with Panduit cable tie
installation too.
B
C
A
E
D
0.75 R
(19.05)
B
C
A
E
D
0.75 R
(19.05)
B
C
A
E
D
0.75 R
(19.05)
Applications
• Maintain a standoff from the frame rail in Chassis Tie
applications
Solution
Panduit Spacer Mounts are used along with Panduit Chassis
Mount Ties in applications where bundles must be secured away
from the frame to avoid abrasion.
Features
• Uses clearance hole in frame
• Provides a standoff of 1" (25mm)
• Reduces cable and hose abrasion during vehicle operation
• Provides a secure mounting surface with curved bundle cradle
• Installs easily after cable tie has been threaded through hole
and around bundle
• Includes centering pilot to prevent assembly from abrading or
shifting in hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com