Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT4H-TL0/147 Datasheet(PDF) 12 Page - PANDUIT CORP.

Part # PLT4H-TL0/147
Description  Heavy Duty Cable Management Solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT4H-TL0/147 Datasheet(HTML) 12 Page - PANDUIT CORP.

Back Button PLT4H-TL0/147 Datasheet HTML 8Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 9Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 10Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 11Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 12Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 13Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 14Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 15Page - PANDUIT CORP. PLT4H-TL0/147 Datasheet HTML 16Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Representative offering only, visit www.panduit.com for complete listing of products.
A
B
Part Number
Used with
Cable Ties‡
Material
Head
Diameter
Panel to Top
of Mount
Overall
Height
Panel Hole
Diameter Range
Panel Thickness
Range
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
PUM-049-M30
M, I, S
Heat stablilized
weather
resistant
Nylon 6.6
0.67
17.0
0.26
6.6 0.54 13.8 0.18 – 0.19 4.6 – 4.9 0.03 – 0.19 0.7 – 3.0 1000 5000
PUM-071-M30
M, I, S
0.67
17.0
0.26
6.5 0.67 16.9 0.25 –0.28 6.3 – 7.1 0.03 – 0.28 0.8 – 7.0 1000 5000
PUM-100-M30
M, I, S
0.64
16.0
0.26
6.5 0.67 16.9 0.35 – 0.40 9.0–10.0 0.03 – 0.28 0.8 – 7.0 1000 5000
PUM-925-M30
M, I, S, LH
0.77
20.0
0.30
7.6 1.05 26.7 0.34 – 0.36 8.8 – 9.3 0.04 – 0.62 1.0 – 16.0 1000 5000
PUME925-M350
*NEW!
M, I, S, LH,
H, EH
Impact modified
heat stabilized
weather resis-
tant nylon 6.6
1.00
25.4 0.317 8.0 1.15 29.2 0.34 – 0.36 8.8 – 9.3 0.04 – 0.62 1.0 – 16.0 1000 5000
‡Cable Tie Cross Section Sizes: M = Miniature, S = Standard, I = Intermediate, LH = Light-Heavy, H = Heavy, and EH = Extra Heavy.
Part Number
Material
Head
Diameter
Panel to
Top of
Mount
Overall
Height
Panel Hole
Diameter Range
Panel Thickness
Range
Max.
Bundle
Diameter Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In. mm
In.
mm In. mm
In.
mm
In.
mm
In.
mm
PUM-049-2S-D30 ^
Heat stablilized
weather
resistant
Nylon 6.6
0.67 17.0 0.26 6.6 0.54 13.8 0.18 – 0.19 4.6 – 4.9 0.03 – 0.19 0.7 – 3.0
1.88 48.0
500 5000
PUM-071-2S-D31 ^
0.67 17.0 0.26 6.6 0.67 16.9 0.25 – 0.28 6.3 – 7.1 0.03 – 0.28 0.8 – 7.0
500 5000
PUM-100-2S-D32 ^
0.64 16.0 0.26
66 0.67 16.9 0.35 – 0.40 9.0 – 10.0 0.03 – 0.28 0.8 – 7.0
500 5000
PUM-925-3H-D33 ^^
0.77 20.0 0.30 7.6 1.05 26.7 0.34 – 0.36 8.8 – 9.3 0.04 – 0.62 1.0 – 16.0 3.00 76.0 200 1000
PUME925-3E-C350 *
*NEW!
Impact modified
heat stabilized
weather resis-
tant nylon 6.6
1.18 30.0 0.275 7.0 1.10 28.0 0.34 – 0.36 8.8 – 9.3 0.04 – 0.62 1.0 – 16.0
3.25 82.6 100 1000
PUME925-4E-C350 *
*NEW!
4.13 105 100 1000
^ Includes PLT2S Cable ties. ^^ Includes PLT3H Cable ties. * Includes Wide Strap PLWSXXX-TL350 Cable ties.
• Unique alternating barb design
• Lock securely into position
• Umbrella tensioning
• Exclusive contoured anvil head
• Material: Heat Stabilized Nylon 6.6
• NEW Heavy Duty Fir Tree Mount for use with Wide Strap
Cable Ties*
• Cable tie/mount assemblies significantly reduce installation
time compared to loose parts
• Fewer parts throughout the manufacturing/assembly process
• Heat Stabilized Nylon 6.6 standard on cable ties and mounts
• New Heavy Duty Fir Tree Mount assemblies with Wide Strap
Cable Ties*
Fir Tree Push Mount Assemblies
Fir Tree Push Mounts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com