Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL-DCPLX-BL Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # PSL-DCPLX-BL
Description  Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-DCPLX-BL Datasheet(HTML) 4 Page - PANDUIT CORP.

  PSL-DCPLX-BL Datasheet HTML 1Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 2Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 3Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 4Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 5Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 6Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 7Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 8Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Lockout / Tagout | Circuit Breaker & Cable
Large Handle Lever Lockout
Lock out large handle or lever circuit breakers.
• Also works on up to three individual circuit breakers, including a variety of
flip-lever switches
• Constructed of red dielectric ABS plastic and incorporates the octagon shape to
convey STOP
• Consists of three parts: Mounting Rail, Slide Set and Stop Bar
• Installs without drilling using 3M™ VHB™ industrial bonding tape (included)*
• Additional mounting rails available for use on multiple panels
• Dimensions: Mounting Rail: 5"L x 3/4"W x 1/4"D,
Slide Set: 2"L x 2"W x 1 3/8"D, and Stop Bar: 5"L x 1"W x 1"D
• Padlock and tag sold separately
Position Mounting Rail
Secure Slide Set
Slide Stop Bar into
position over breaker
*For best adhesion, ideal bond time is 24 to 72 hours prior to lockout application
Part No.
Description
UOM
PSL-1006
Large Handle Lever Lockout
Each
PSL-1007
Additional Mounting Rails, 5" L
Each
Disposable Padlock Seal
Single-use lock device provides a
cost-saving alternative ideal for
operation-wide plant and facility
lockout, shutdown, and turnaround.
• Eliminates the hassle of misplaced
locks & keys
• Loop and insert band end through
padlock-style body; push band in to
shorten and tighten the loop
• Molded teeth lock band in place inside
the body and cannot reverse out
• Plastic shackle band is tamper-evident;
band can only be broken or cut
for removal
• All-plastic body measures
2 1/2"H x 1 1/2"W x 7/8"D
• 7"L x 1/4"W long band rated up to
100-lb. pull strength
• Pack of 10
Part No.
Std. Pkg. Qty.
PSL-1030
10
Part No.
Description
UOM
PSL-1008
Cinch Lockout with 6-ft. cable
Each
PSL-1016
15-ft. cable (separate)
Each
Funnel-shaped cable feeder for
quick placement.
Internal cable spooling feature
for storage.
Cinch Cable Lockout
Universal spooling cable locks out multiple devices at one time.
• Unique, compact internal spooling feature
• Lock out multiple devices quickly, neatly, and easily
• Simply extend and loop the 6-ft. nylon-coated steel cable through several devices
to lock them out; then insert the cable end back into the device to cinch tight
• When cable is cinched tight, device can then be secured with a padlock
(sold separately)
• Durable plastic, octagon-shaped device measures 3 1/2" x 4 1/4" x 1 1/4"
• When finished, spool the cable back inside the device for neat, easy storage
• Octagon shape reinforces lockout status and conveys STOP
Twist & Turn Cinch Cable Lockout
Run the cable through various devices; then, with a quick twist of the
hasp, cinch the cable to prevent unauthorized access.
• Easy-to-use cable and cinch lockout hasp solution
• Polycarbonate, compact hasp is comprised of two 3" dia. x 1 1/2" thick rotating
halves with 6-ft. red plastic-coated steel cable
• Visible red octagon shape reinforces the lockout situation
Part No.
UOM
PSL-1017
Each
Cinch closed position
with holes aligned.
Turn the hasp halves to
cinch cable.
VHB™ is a registered trademark of 3M™



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com