Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSL-DCPLX-BL Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # PSL-DCPLX-BL
Description  Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-DCPLX-BL Datasheet(HTML) 8 Page - PANDUIT CORP.

Back Button PSL-DCPLX-BL Datasheet HTML 3Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 4Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 5Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 6Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 7Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 8Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 9Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 10Page - PANDUIT CORP. PSL-DCPLX-BL Datasheet HTML 11Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Lockout / Tagout | Group Lockout
Plastic Group Lock Box
Look to view the keys and padlocks in a secure lock box that
is shaped to say STOP!
Four rows of aluminum strips contain 16 hooks to hang keys – identifiable
through the clear front cover. Once closed, holes and slots along the edges
of box and cover align. Secure with up to 42 padlocks (sold separately).
Plus, there is a hole on the left backside for a supervisor’s padlock.
• Cover pry guard edge provides security when using minimal padlocks
• Visible safety red shows through the clear front cover
• Familiar octagon box shape conveys STOP message
• Front cover slides to hinge open
• 13" x 13" x 3 1/2" box is made of durable, impact-resistant plastic,
designed for industrial environments
Each padlock represents a worker on the lockout project. Each padlock
removed signifies the worker has completed their portion of the project.
Yet there is no access to the keys of the locked-out devices until the last
padlock is removed.
Additional features of the lock box include:
• Top carry handle for portability to lockout location
• Two rear keyholes for wall mounting
• Flange foot to set down on flat surface
• Front slot to drop in additional keys after lockout procedures have started
English, Spanish, and
French labels included.
Metal Group Lock Box
Part No.
Description
UOM
PSL-GLBN
Group Lock Box
Each
PSL-GLBNSS
Stainless Steel Group Lock Box
Each
Part No.
UOM
PSL-1026
Each
Part No.
UOM
PSL-1025
Each
• Manage multiple employees and energy sources involved in a
group lockout procedure
• Accommodates up to 13 padlocks (not included)
• Available in industrial powder-coated or stainless steel construction
• Dimensions: 9.00"W x 6.00"H x 3.25"D
Compact Plastic Group Lock Box
Small, portable group lock box goes with you on the job – from the
office to the production floor.
• Slots in lid to insert and store keys of locked-out devices
• Unique twist-to-turn lid for secure close
• Inner pry guard prevents tamper access
• Lid has two see-through windows and carry handle
• Octagon-shaped box in red conveys the STOP message
• 7 3/4" x 7 3/4" x 4" box is durable, impact-resistant plastic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com