Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH Datasheet(PDF) 11 Page - PANDUIT CORP.

Part # PTH
Description  Heavy Duty Cable Management Solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PTH Datasheet(HTML) 11 Page - PANDUIT CORP.

Back Button PTH Datasheet HTML 7Page - PANDUIT CORP. PTH Datasheet HTML 8Page - PANDUIT CORP. PTH Datasheet HTML 9Page - PANDUIT CORP. PTH Datasheet HTML 10Page - PANDUIT CORP. PTH Datasheet HTML 11Page - PANDUIT CORP. PTH Datasheet HTML 12Page - PANDUIT CORP. PTH Datasheet HTML 13Page - PANDUIT CORP. PTH Datasheet HTML 14Page - PANDUIT CORP. PTH Datasheet HTML 15Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
visit www.panduit.com
• One-piece design significantly reduces installation time
• Integrated ribs prevent rotation of cable bundles and ensures
secure grip on hoses
• Material: Impact modified Weather Resistant Nylon 6.6
• The two mounts are securely fastened together with a
connecting rivet that allows both mounts to rotate
• Can join bundles of cable, tubing, or hoses that may need to
move or are not parallel
• Separates bundles to avoid abrasion
• Material: Weather Resistant Nylon 6.6
Panduit® Cable Spacers are designed to accommodate hoses
or cable bundles while maintaining separation. The spacers
work with Panduit® Cable Ties up to heavy crosssection.
Pan-Clamp™ Heavy Duty Fixed Diameter Clamps
B
C
A Ø
Part Number
Max. Bundle
Diameter A
Width B
Bundle Offset C
Max. Panel
Thickness
Panel Hole
Diameter
Color
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
PC038-H25D-C0
0.38
9.5
0.62
15.7
0.64
16.3
0.13
3.2
0.28
7.1
Black
100
500
PC050-H25D-C0
0.50
12.7
0.62
15.7
0.71
17.9
0.13
3.2
0.28
7.1
100
500
PC062-H25D-C0
0.63
15.8
0.62
15.7
0.77
19.5
0.13
3.2
0.28
7.1
100
500
PC075-H25D-C0
0.75
19.1
0.62
15.7
0.83
21.1
0.13
3.2
0.28
7.1
100
1000
PC087-H25D-C0
0.88
22.1
0.62
15.7
0.89
22.7
0.13
3.2
0.28
7.1
100
1000
PC100-H25D-C0
1.00
25.4
0.62
15.7
0.96
24.3
0.13
3.2
0.28
7.1
100
1000
PC112-H25D-C0
1.13
28.5
0.62
15.7
1.02
25.8
0.13
3.2
0.28
7.1
100
1000
PC125-H25D-C0
1.25
31.8
0.62
15.7
1.08
27.4
0.13
3.2
0.28
7.1
100
1000
Part Number
Color
Dimensions
Environ.
Max.
Continuous
Use Temp.
CE
Compliant
RoHS
Compliant
Min.
Order
Qty.
Height
mm
Length
Width
mm In. mm In.
CSEH15A30-C0 Black 0.38
39.9 1.57 20 0.79 Indoor -40˚F (-40˚C) –
185˚F (85˚C)
No
Yes
100
0.87"
(22.1)
0.75"
(19.1)
1.64"
(41.7)
1.23"
(31.2)
Swivel Mounts
Part Number
Used with
Cable Ties‡
Pull Apart Force
Color
Environment
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Lbs.
g
TM3-X2-C0Y
M, I, S, HS, LH
120
54,431
Black
Indoors/Outdoors
100 1000
TMEH-X2-L0Y
M, I, S, HS, LH, H, EH
250
113,398
50
500
TMEH
TM3
Cable Spacer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com