Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH Datasheet(PDF) 14 Page - PANDUIT CORP.

Part # PTH
Description  Heavy Duty Cable Management Solutions
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PTH Datasheet(HTML) 14 Page - PANDUIT CORP.

Back Button PTH Datasheet HTML 8Page - PANDUIT CORP. PTH Datasheet HTML 9Page - PANDUIT CORP. PTH Datasheet HTML 10Page - PANDUIT CORP. PTH Datasheet HTML 11Page - PANDUIT CORP. PTH Datasheet HTML 12Page - PANDUIT CORP. PTH Datasheet HTML 13Page - PANDUIT CORP. PTH Datasheet HTML 14Page - PANDUIT CORP. PTH Datasheet HTML 15Page - PANDUIT CORP. PTH Datasheet HTML 16Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Complete Your Bundle
Representative offering only, visit www.panduit.com for complete listing of products.
14
Cable Ties
Panduit cable ties are designed to exceed industry standards for use in high-
vibration areas. Available in a wide range of materials, styles and sizes to meet
your internal and external temperature applications.
• External tooth design on select styles for improved abrasion-resistance to
wires, cables and hoses
• Metal barb styles for added tensile strength and increased bundle diameter
variations
• Push mount and fir tree barb style ties for specialty applications
• Unique designs, such as wide strap and dual-clamp ties, improve reliability
and productivity
Cable Accessories
Mounts and other devices help secure wire, cable and hose bundles – making
installation more efficient and cost effective.
• Installation styles, such as push barb, stud mount and bolt/screw, help tailor
cable routing and management
• Adhesive options for mounting to surfaces in interior and exterior applications
• Most styles are available in a variety of materials for high temperature, UV
resistant and general purpose applications
Stainless Steel Cable Ties
Stainless-steel cable ties can bundle, fasten and secure cables and hoses
that are exposed to corrosive or harsh conditions. Ties are built to last, helping
reduce periodic rework.
• Self-locking cable ties enable faster installation
• Fully coated ties help prevent corrosion between dissimilar metals
• Smooth surfaces and rounded edges protect the cable bundle and the
installer for improved safety, productivity and reliability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com