Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP-20-SS. Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # BP-20-SS.
Description  High-Accuracy Stainless Steel Cantilever Beams
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

BP-20-SS. Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  BP-20-SS. Datasheet HTML 1Page - Omega Engineering, Inc. BP-20-SS. Datasheet HTML 2Page - Omega Engineering, Inc. BP-20-SS. Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Accessory Hardware:
TWA/TWAM Series
Self-Adjusting Weigh Modules
Nickel-Plated Carbon Streel or
Stainless Steel
Dimensions:
mm (inch)
SPECIFICATIONS
Excitation: 10 Vdc, 15 Vdc maximum
Output: 3 mV/V ±0.25%
5-Point Calibrated (in Compression):
0%, 50%, 100%, 50%, 0%
Linearity: ±0.03% FSO
Hysteresis: ±0.02% FSO
Repeatability: ±0.02% FSO
Zero Balance: ±1% FSO
Operating Temp Range:
-34 to 82°C (-30 to 180°F)
Compensated Temp Range:
16 to 71°C (60 to 160°F)
Thermal Effects:
Zero: ±0.001% FSO/ºF (0.0018%/°C)
Span: ±0.001% FSO/ºF (0.0018%/°C)
Safe Overload: 150% of capacity
Ultimate Overload: 300% of capacity
Input Resistance: 360 Ω minimum
Output Resistance: 350 ±10 Ω
FS Deflection: 0.5 mm (0.02") typical
Construction: 17-4 PH stainless steel,
>30,000 lb, high-alloy steel
Electrical:
LC501/LCM501: 4.6 m (15')
4 conductor shielded cable
LC511/LCM511: 6-pin DT02H-10-6P
or equivalent
Dimensions: mm (inch)
LC501/LCM501
A
G
F
B
E
LC501/LC511: 10-32
TAPPED HOLE FOR
LOCKING SCREW
J
D1
D1
I
C
D
D
4.6 m (15')
4-CONDUCTOR PVC
CABLE
LCM501/LCM511: M5 x 0.8
A
G
F
B
E
LC501/LC511: 10-32
TAPPED HOLE FOR
LOCKING SCREW
J
D1
D1
I
C
D
D
4.6 m (15')
4-CONDUCTOR PVC
CABLE
LCM501/LCM511: M5 x 0.8
WEIGHT
CAPACITY
A
B
C
D
D1
E
F
G
I
J
kg (lb)
STANDARD
50 to
121
19
25
9.9
15
25
13
25
3
⁄8-18 UNC
1
⁄2-20
0.9
750 lb
(4.75)
(0.75)
(1.0)
(0.39)
(0.59)
(1.0)
(0.50)
(1.0)
(2)
1K to 6.5K lb
173
25
38
13
20
38
13
38
1
⁄2-14 UNC
1
⁄2-20
1.8
(6.75)
(1.0)
(1.5)
(0.53)
(0.77)
(1.5)
(0.50)
(1.5)
(4)
7.5K to 10K lb
197
25
38
20
n/a
38
19
51
1
⁄2-14 UNC
3
⁄4-16
2.3
(7.75)
(1.0)
(1.5)
(0.77)
(1.5)
(0.75)
(2.0)
(5)
20K lb
241
25
64
20
n/a
51
25
57
1
⁄2-14 UNC
1-12
5
(9.50)
(1.0)
(2.5)
(0.77)
(2.0)
(1.00)
(2.25)
(11)
30K lb
241
25
64
27
n/a
51
25
57
1
⁄2-14 UNC
1-12
n/a
(9.50)
(1.0)
(2.5)
(1.06)
(2.0)
(1.00)
(2.25)
METRIC
25 to
121
19
25
9.9
15
25
13
25
3
⁄8-18 UNC M12 x 1.75
0.9
250 kgf
(4.75)
(0.75)
(1.0)
(0.39)
(0.59)
(1.0)
(0.50)
(1.0)
(2)
500 to
173
25
38
13
20
38
13
38
1
⁄2-14 UNC M12 x 1.75
1.8
2500 kgf
(6.75)
(1.0)
(1.5)
(0.53)
(0.77)
(1.5)
(0.50)
(1.5)
(4)
5000 kgf
197
25
38
20
n/a
38
19
51
1
⁄2-14 UNC M20 x 1.5
2.3
(7.75)
(1.0)
(1.5)
(0.77)
(1.5)
(0.75)
(2.0)
(5)
10,000 kgf
241
25
64
20
n/a
51
25
57
1
⁄2-14 UNC M24 x 2.0
5
(9.50)
(1.0)
(2.5)
(0.77)
(2.0)
(1.00)
(2.25)
(11)
Wire
Connection
GN
+Output
WT
-Output
BK
-Input
RD
+Input
Electrical
Connection
PIN A
+Output
PIN B
-Output
PIN C
-Input
PIN D
+Input
PIN E, F
No Connection
OVERLOAD
STOPS OPTIONAL
ELECTRICAL CONNECTION:
PT1H-10-6P OR EQUAL
10-32UNF-2B
A
E
32
(1.25)
MAXIMUM
LC511/LCM511
Mating Connector: PT06F10-6S-R
(sold separately)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com