Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP-20-SS. Datasheet(PDF) 3 Page - Omega Engineering, Inc.

Part # BP-20-SS.
Description  High-Accuracy Stainless Steel Cantilever Beams
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

BP-20-SS. Datasheet(HTML) 3 Page - Omega Engineering, Inc.

  BP-20-SS. Datasheet HTML 1Page - Omega Engineering, Inc. BP-20-SS. Datasheet HTML 2Page - Omega Engineering, Inc. BP-20-SS. Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Comes complete with 5-point NIST-traceable calibration and 59 kΩ shunt data.
* 4-digit meter. ** Visit us online for compatible meters.
High-Accuracy Stainless Steel Cantilever Beams
ACCESSORIES
MODEL NO.
DESCRIPTION
LOAD BUTTON
ROD END
STANDARD MODELS
LBC-012
Load button for ranges 100 to 5000 lb
LBC-034
Load button for LC501/511- 7.5K to 10K Ib
LBC-101
Load button for LC501/511-20K, LC501/511-30 K
REC-012M
Rod end for ranges 100 to 7500 lb
REC-034M
Rod end for LC501/511-10K
METRIC MODELS
To Order
CAPACITY
MODEL NO.
kgf
lb
CABLE
STYLE
CONNECTOR
STYLE
COMPATIBLE METERS
BASE PLATE
STANDARD MODELS
45
100
LC501-100
LC511-100
DP41-B, DP41-S, DP25B-S
BP-10
91
200
LC501-200
LC511-200
DP41-B, DP41-S, DP25B-S
227
500
LC501-500
LC511-500
DP41-B, DP41-S, DP25B-S
341
750
LC501-750
LC511-750
DP41-B, DP41-S, DP25B-S
455
1000
LC501-1K
LC511-1K
DP41-B, DP41-S, DP25B-S
BP-15
909
2000
LC501-2K
LC511-2K
DP41-B, DP41-S, DP25B-S
1361
3000
LC501-3K
LC511-3K
DP41-B, DP41-S, DP25B-S
2269
5000
LC501-5K
LC511-5K
DP41-B, DP41-S, DP25B-S
3402
7500
LC501-7.5K
LC511-7.5K
DP41-B, DP41-S, DP25B-S
4537
10,000
LC501-10K
LC511-10K
DP41-B, DP41-S, DP25B-S
9074
20,000
LC501-20K
LC511-20K
DP41-B, DP41-S, DP25B-S*
BP-20
13,612
30,000
LC501-30K
LC511-30K
DP41-B, DP41-S, DP25B-S*
METRIC MODELS
25
55
LCM501-25
LCM511-25
DPiS, DP41-S, DP25B-S
MBP-10
50
110
LCM501-50
LCM511-50
DPiS, DP41-S, DP25B-S
250
551
LCM501-250
LCM511-250
DPiS, DP41-S, DP25B-S
500
1102
LCM501-500
LCM511-500
DPiS, DP41-S, DP25B-S
MBP-15
1000
2205
LCM501-1K
LCM511-1K
DPiS, DP41-S, DP25B-S
2500
5512
LCM501-2.5K
LCM511-2.5K
DPiS, DP41-S, DP25B-S
5000
11,023
LCM501-5K
LCM511-5K
DPiS, DP41-S, DP25B-S
10,000
22,046
LCM501-10K
LCM511-10K
DPiS*, DP41-S, DP25B-S*
MBP-20
MLBC-M12
Load button for ranges 25 to 2500 kgf
MLBC-M20
Load button for LCM501-5K, LCM511-5K
MLBC-M24
Load button for LCM501-10K, LCM511-10K
MREC-M12M
Rod end for ranges 25 to 2500 kgf
MREC-M20M
Rod end for LCM501-5K, LCM511-5K
MREC-M24M
Rod end for LCM501-10K, LCM511-10K
COMMON
PT06F10-6S-R
Mating connector for LC511/LCM511 series load cells
CA-4PC24-2-015 4.6 m (15') PVC cable with PT06F10-6S, LC511/LCM511 cable assembly
Note: Base plates are nickel-plated carbon steel.
To order stainless steel base plates (see Accessories), specify
BP-10-SS, BP-15-SS, BP-20-SS.
To order load cells with a twist-lock 6 pin connector, specify
LC511 (standard) or LCM511 (metric), no extra charge. PT06F10-6S-R, mating
connector (sold separately).
Ordering Examples: LC501-5K, 5000 lb capacity load cell. REC-012M, optional rod end, BP-15, optional base plate.
LCM511-5K, 5000 kgf capacity load cell with twist-lock 6 pin connector, PT06F10-6S-R, mating connector.
MREC-M20M, optional rod end, MBP-15, optional base plate.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com