Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP27 Datasheet(PDF) 3 Page - Multicomp Pro

Part # MPP27
Description  Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MPP27 Datasheet(HTML) 3 Page - Multicomp Pro

  MPP27 Datasheet HTML 1Page - Multicomp Pro MPP27 Datasheet HTML 2Page - Multicomp Pro MPP27 Datasheet HTML 3Page - Multicomp Pro MPP27 Datasheet HTML 4Page - Multicomp Pro MPP27 Datasheet HTML 5Page - Multicomp Pro MPP27 Datasheet HTML 6Page - Multicomp Pro MPP27 Datasheet HTML 7Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page <3>
V1.0
28/07/23
Thick Film Chip Resistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dimension
Type
Dimension (mm)
L
W
H
ℓ1
ℓ2
MPP10 (2010)
5.00 ± 0.10
2.50 ± 0.15
1.10 ± 0.10
0.60 ± 0.25
0.50 ± 0.20
MPP12 (2512)
6.35 ± 0.10
3.20 ± 0.15
0.60 ± 0.25
1.80 ± 0.20
MPP17 (2817)
7.10 ± 0.20
4.20 ± 0.20
0.60 ± 0.20
1.80 ± 0.20
MPP20 (4320)
11.00 ± 0.30
5.00 ± 0.25
0.80 ± 0.20
2.40 ± 0.20
MPP27 (4527)
11.60 ± 0.30
6.85 ± 0.25
1.00 ± 0.20
2.50 ± 0.20
Dimensions : Millimetres
Power Rating
Type
Power Rating at 70°C
Tolerance %
Resistance Range
Standard Series
MPP10 (2010)
2W
±1
1Ω to 10MΩ
E-96
±5
E-24
MPP12 (2512)
3W
±1
E-96
±5
E-24
MPP17 (2817)
4W
±1
E-96
±5
E-24
MPP20 (4320)
5W
±1
E-96
±5
E-24
MPP27 (4527)
6W
±1
E-96
±5
E-24



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com