Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP27 Datasheet(PDF) 4 Page - Multicomp Pro

Part # MPP27
Description  Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MPP27 Datasheet(HTML) 4 Page - Multicomp Pro

  MPP27 Datasheet HTML 1Page - Multicomp Pro MPP27 Datasheet HTML 2Page - Multicomp Pro MPP27 Datasheet HTML 3Page - Multicomp Pro MPP27 Datasheet HTML 4Page - Multicomp Pro MPP27 Datasheet HTML 5Page - Multicomp Pro MPP27 Datasheet HTML 6Page - Multicomp Pro MPP27 Datasheet HTML 7Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page <4>
V1.0
28/07/23
Thick Film Chip Resistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Performance specification
Characteristics
Limits
Test Methods
(AEC - Q200)
Operational Life
Resistance change rate is
±1%: ±(1.0%+0.1Ω)max
±5%: ±(3.0%+0.1Ω)Max.
125°C, at 35% of operating power, 1000H(1.5 hours “ON”, 0.5
hour “OFF”)
(MIL-STD-202 Method 108)
Temperature Coefficient
Resistance change rate is
10Ω< R ≤10Ω : ±200PPM/°C
10Ω< R ≤10MΩ : ±100PPM/°C
4.8 Natural resistance change per temp.
degree centigrade.
R2-R1
R1(t2-t1)
R1: Resistance value at room temperature (T1)
R2: Resistance value at room temp. plus 100°C (T2)
Test pattern: room temp. (T1), room temp. +100°C (T2)
Short Time Overload
Resistance change rate is
±1%: ±(1.0%+0.1Ω)Max
±5%: ±(2.0%+0.1Ω)Max
2.5x Rated voltage or Max. Overload Voltage whichever is
lower for 5 seconds, then check the resistance.
External Visual
No Mechanical Pamage
Electrical test not required.Inspect device construction,
marking and workmanship
(MIL-STD-883 Method 2009)
Physical Dimension
Reference 2.0 Dimension
Standards
Verify physical dimensions to the applicable device detail
specification.
Note: User(s) and Suppliers spec. Electrical test not required.
(JESD22 MH Method JB-100)
Resistance to Solvent
Marking Unsmeared
Note: Add Aqueous wash chemical – OKEM Clean or
equivalent.
Do not use banned solvents.
( MIL-STD-202 Method 215)
Terminal Strength
Not broken
Force of 1.8kg for 60 seconds.
(JIS-C-6429)
High Temperature Expo-
sure
(Storage)
Resistance change rate is
±(1.0%+0.1Ω)max
1000hrs. at T=155°C.Unpowered. Measurement at 24±2
hours after test conclusion.
(MIL-STD-202 Method 108)
Temperature cycling
Resistance change rate is
1%: ± (0.5%+0.1Ω) Max.
5%: ± (1.0%+0.1Ω) Max.
1000 Cycles (-55°C to +155°C). Measurement at 24±2 hours
after test conclusion.
(JESD22 Method JA-104)
Moisture Resistance
Resistance change rate is
1%: ± (0.5%+0.1Ω) Max.
5%: ± (3.0%+0.1Ω) Max.
T=24 hours /cycle. Unpowered. Measurement at 24±2 hours
after test conclusion.
(MIL-STD-202 Method 106)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com