Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7705 Datasheet(PDF) 40 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7705 Datasheet HTML 36Page - Analog Devices AD7705 Datasheet HTML 37Page - Analog Devices AD7705 Datasheet HTML 38Page - Analog Devices AD7705 Datasheet HTML 39Page - Analog Devices AD7705 Datasheet HTML 40Page - Analog Devices AD7705 Datasheet HTML 41Page - Analog Devices AD7705 Datasheet HTML 42Page - Analog Devices AD7705 Datasheet HTML 43Page - Analog Devices AD7705 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
AD7705/AD7706
Rev. C | Page 40 of 44
SMART TRANSMITTERS
Another application where the low power, single-supply, 3-wire
interface capabilities of the AD7705/AD7706 are beneficial is in
smart transmitters. Figure 28 shows a block diagram of a smart
transmitter using the AD7705. Because a smart transmitter
must operate from a 4 to 20 mA loop, tolerances in the loop
mean that the current available to power the transmitter can be
as low as 3.5 mA. The AD7705 consumes only 320 μA, leaving
at least 3 mA available for the rest of the transmitter. The
AD7705, with its dual-input channel, is ideally suited for
systems requiring an auxiliary channel whose measured
variable is used to correct that of the primary channel.
VDD
GND
REF IN
ISOLATED SUPPLY
4.7
μF
100k
Ω
MCLK IN
MCLK OUT
AD7705
ISOLATED GROUND
MICROCONTROLLER UNIT
•PID
•RANGE SETTING
•CALIBRATION
•LINEARIZATION
•OUTPUT CONTROL
•SERIAL COMMUNICATION
•HART PROTOCOL
VCC
COM
VCC
BOOST
REF OUT1
REF OUT2
REF IN
AD421
C1 C2 C3
COM
LOOP
RTN
COMP
DRIVE
4.7
μF
0.01
μF
0.1
μF
2.2
μF
DN25D
1k
Ω
1000pF
0.01
μF
0.01
μF
0.0033
μF
ISOLATION
BARRIER
SENSORS
RTD
mV
Ω
TC
MAIN TRANSMITTER ASSEMBLY
4mA
TO
20mA
Figure 28. Smart Transmitter Using the AD7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com