Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7705 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7705 Datasheet HTML 25Page - Analog Devices AD7705 Datasheet HTML 26Page - Analog Devices AD7705 Datasheet HTML 27Page - Analog Devices AD7705 Datasheet HTML 28Page - Analog Devices AD7705 Datasheet HTML 29Page - Analog Devices AD7705 Datasheet HTML 30Page - Analog Devices AD7705 Datasheet HTML 31Page - Analog Devices AD7705 Datasheet HTML 32Page - Analog Devices AD7705 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AD7705/AD7706
Rev. C | Page 29 of 44
The FSYNC input can also be used as a software start convert
command, allowing the AD7705/AD7706 to be operated in a
conventional converter fashion. In this mode, writing to the
FSYNC bit starts conversion, and the falling edge of DRDY
indicates when conversion is complete. The disadvantage of this
scheme is that the settling time of the filter must be taken into
account for every data register update; therefore, the rate at which
the data register is updated is three times slower in this mode.
Because the FSYNC bit resets the digital filter, the full settling
time of 3 × 1/output rate must elapse before a new word is
loaded to the output register. If the DRDY signal is low when
FSYNC goes to 0, the DRDY signal is not reset to high by the
FSYNC command, because the AD7705/AD7706 recognize that
there is a word in the data register that has not been read. The
DRDY line stays low until an update of the data register takes
place, at which time it goes high for 500 × tCLKIN before returning
low again. A read from the data register resets the DRDY signal
high, and it does not return low until the settling time of the
filter has elapsed and there is a valid new word in the data register.
If the DRDY line is high when the FSYNC command is issued,
the DRDY line does not return low until the settling time of the
filter has elapsed.
RESET INPUT
The RESET input on the AD7705/AD7706 resets the logic, digital
filter, analog modulator, and on-chip registers to their default states.
DRDY is driven high, and the AD7705/AD7706 ignore all
communication to their registers while the RESET input is low.
When the RESET input returns high, the AD7705/AD7706 start
to process data, and DRDY returns low in 3 × 1/output rate,
indicating a valid new word in the data register. However, the
AD7705/AD7706 operate with their default setup conditions
after a reset, and it is generally necessary to set up all registers
and perform a calibration after a RESET command.
The AD7705/AD7706 on-chip oscillator circuit continues to
function even when the RESET input is low, and the master
clock signal continues to be available on the MCLK OUT pin.
Therefore, in applications where the system clock is provided by
the AD7705/AD7706 clock, the AD7705/AD7706 produce an
uninterrupted master clock during a RESET command.
STANDBY MODE
The STBY bit in the communication register of the AD7705/
AD7706 allows the user to place the part in a power-down
mode when it is not required to provide conversion results. The
AD7705/AD7706 retain the contents of their on-chip registers,
including the data register, while in standby mode. When released
from standby mode, the parts start to process data, and a new
word is available in the data register in 3 × 1/output rate from
when a 0 is written to the STBY bit.
The STBY bit does not affect the digital interface, nor does it
affect the status of the DRDY line. If DRDY is high when the
STBY bit is brought low, it remains high until there is a valid
new word in the data register. If DRDY is low when the STBY
bit is brought low, it remains low until the data register is updated,
at which time the DRDY line returns high for 500 × tCLKIN before
returning low again. If DRDY is low when the part enters standby
mode, indicating a valid unread word in the data register, the
data register can be read while the part is in standby. At the end
of this read operation, DRDY is reset to high.
Placing the part in standby mode reduces the total current to
9 μA typical with VDD = 5 V, and 4 μA with VDD = 3 V when the
part is operated from an external master clock, provided that this
master clock has stopped. If the external clock continues to run
in standby mode, the standby current increases to 150 μA typical
with 5 V supplies, and 75 μA typical with 3.3 V supplies. If a
crystal or ceramic resonator is used as the clock source, the total
current in standby mode is 400 μA typical with 5 V supplies, and
90 μA with 3.3 V supplies. This is because the on-chip oscillator
circuit continues to run when the part is in standby mode. This
is important in applications where the system clock is provided
by the AD7705/AD7706 clock so that the AD7705/AD7706
produce an uninterrupted master clock in standby mode.
ACCURACY
Σ-Δ ADCs, like VFCs and other integrating ADCs, do not contain
a source of nonmonotonicity and inherently offer no missing
codes performance. The AD7705/AD7706 achieve excellent
linearity by using high quality, on-chip capacitors that have a
very low capacitance/voltage coefficient. The devices also achieve
low input drift by using chopper-stabilization techniques in their
input stage. To ensure excellent performance over time and
temperature, the AD7705/AD7706 use digital calibration
techniques that minimize offset and gain error.
DRIFT CONSIDERATIONS
The AD7705/AD7706 use chopper-stabilization techniques to
minimize input offset drift. Charge injection in the analog
switches and dc-leakage currents at the sampling node are the
primary sources of offset voltage drift in the converter. The dc
input leakage current is essentially independent of the selected
gain. Gain drift within the converter primarily depends on the
temperature tracking of the internal capacitors. It is not affected
by leakage currents.
Measurement errors due to offset drift or gain drift can be
eliminated at any time by recalibrating the converter. Using the
system calibration mode also minimizes offset and gain errors in
the signal conditioning circuitry. Integral and differential linearity
errors are not significantly affected by temperature changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com