Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC74SC Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74AC74SC
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC74SC Datasheet(HTML) 4 Page - ON Semiconductor

  74AC74SC Datasheet HTML 1Page - ON Semiconductor 74AC74SC Datasheet HTML 2Page - ON Semiconductor 74AC74SC Datasheet HTML 3Page - ON Semiconductor 74AC74SC Datasheet HTML 4Page - ON Semiconductor 74AC74SC Datasheet HTML 5Page - ON Semiconductor 74AC74SC Datasheet HTML 6Page - ON Semiconductor 74AC74SC Datasheet HTML 7Page - ON Semiconductor 74AC74SC Datasheet HTML 8Page - ON Semiconductor 74AC74SC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions
Note 3: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
¥ circuits outside databook specifications.
DC Electrical Characteristics for AC
Note 4: All outputs loaded; thresholds on input associated with output under test.
Note 5: Maximum test duration 2.0 ms, one output loaded at a time.
Note 6: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI 0.5V
20 mA
VI VCC  0.5V
20 mA
DC Input Voltage (VI)
0.5V to VCC  0.5V
DC Output Diode Current (IOK)
VO 0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Junction Temperature (TJ)
PDIP
140
qC
Supply Voltage (VCC)
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
'V/'t)
AC Devices
VIN from 30% to 70% of VCC
VCC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
'V/'t)
ACT Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH
3.0
1.5
2.1
2.1
VOUT 0.1V
Level Input
4.5
2.25
3.15
3.15
V
or VCC  0.1V
Voltage
5.5
2.75
3.85
3.85
VIL
Maximum LOW
3.0
1.5
0.9
0.9
VOUT 0.1V
Level Input
4.5
2.25
1.35
1.35
V
or VCC  0.1V
Voltage
5.5
2.75
1.65
1.65
VOH
Minimum HIGH
3.0
2.99
2.9
2.9
Level Output
4.5
4.49
4.4
4.4
V
IOUT 50 PA
Voltage
5.5
5.49
5.4
5.4
VIN VIL or VIH
3.0
2.56
2.46
IOH 12 mA
4.5
3.86
3.76
V
IOH 24 m
5.5
4.86
4.76
IOH 24 m (Note 4)
VOL
Maximum LOW
3.0
0.002
0.1
0.1
Level Output
4.5
0.001
0.1
0.1
V
IOUT 50 PA
Voltage
5.5
0.001
0.1
0.1
VIN VIL or VIH
3.0
0.36
0.44
IOL 12 mA
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 4)
IIN (Note 6) Maximum Input Leakage Current
5.5
r 0.1
r 1.0
PAVI VCC, GND
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Maximum
IOHD
Output Current (Note 5)
5.5
75
mA
VOHD 3.85V Minimum
ICC
Maximum Quiescent
5.5
2.0
20.0
PA
VIN VCC
(Note 6)
Supply Current
or GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com