Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC74SC Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74AC74SC
Description  Dual D-Type Positive Edge-Triggered Flip-Flop
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC74SC Datasheet(HTML) 1 Page - ON Semiconductor

  74AC74SC Datasheet HTML 1Page - ON Semiconductor 74AC74SC Datasheet HTML 2Page - ON Semiconductor 74AC74SC Datasheet HTML 3Page - ON Semiconductor 74AC74SC Datasheet HTML 4Page - ON Semiconductor 74AC74SC Datasheet HTML 5Page - ON Semiconductor 74AC74SC Datasheet HTML 6Page - ON Semiconductor 74AC74SC Datasheet HTML 7Page - ON Semiconductor 74AC74SC Datasheet HTML 8Page - ON Semiconductor 74AC74SC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS009920
www.fairchildsemi.com
November 1988
Revised February 2005
74AC74 • 74ACT74
Dual D-Type Positive Edge-Triggered Flip-Flop
General Description
The AC/ACT74 is a dual D-type flip-flop with Asynchronous
Clear and Set inputs and complementary (Q, Q) outputs.
Information at the input is transferred to the outputs on the
positive edge of the clock pulse. Clock triggering occurs at
a voltage level of the clock pulse and is not directly related
to the transition time of the positive-going pulse. After the
Clock Pulse input threshold voltage has been passed, the
Data input is locked out and information present will not be
transferred to the outputs until the next rising edge of the
Clock Pulse input.
Asynchronous Inputs:
LOW input to SD (Set) sets Q to HIGH level
LOW input to CD (Clear) sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on CD and SD makes both Q and Q
HIGH
Features
s ICC reduced by 50%
s Output source/sink 24 mA
s ACT74 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JECED J-STD-020B.
Note 1: “_NL” indicates lead-free product (per JEDEC J-STD-020B).
Note 2: “_NL” indicates lead-free product (per JEDEC J-STD-020B). Device is available in Tape and Reel only.
FACT
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Number
Package Description
74AC74SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC74SC_NL
(Note 1)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC74SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC74MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC74MTCX_NL
(Note 2)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74AC74PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
74ACT74SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACT74SC_NL
(Note 1)
M14A
Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACT74SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT74SJX_NL
(Note 2)
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT74MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT74PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - 74AC74SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74SC FAIRCHILD-74AC74SC Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74SC FAIRCHILD-74AC74SC Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74SC_NL FAIRCHILD-74AC74SC_NL Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74AC74SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI-SN74AUC2G80 Datasheet
250Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com