Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTP8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PTP8
Description  null.031" x 0.62" x 800° PT Series Conical Tip for TC201 Series Iron
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PTP8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PTP8 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
12/5/2016
Catalog No. PTP8 Product Detail
http://www
.apexhandtools.com/brands/CF_Files/model_detail.cfm?upc=037103473554
1/1
Weller 
.031" x 0.62" x 800° PT Series Conical Tip for TC201 Series Iron
Product Details
Catalog No.
PTP8
UPC Code
037103473554
Fits Tool(s)
TC201T
Tip Style
Conical
Tip Width O/D
.031 in./.79 mm
Tip
Thickness/Height/
I/D
.012 in./.30 mm
Reach/Length
.62 in./15.75 mm
Packaging
Peg Hook/Retail Packaging
Tech. Spec.
Solder_Safety_Warnings.pdf
Lineart
PT_Conical.pdf
Low Res. Image
PT_Conical_100.jpg
High Res. Image
PT_Conical_300.jpg
Stock Item
Normal Stock Item
Package Details (Dimensions)
Product Features:
Solid copper, plated with iron all over
Nickel and chromium behind the working surface
Designed to provide maximum heat transfer from the heater to the tip
Individually bagged


Similar Part No. - PTP8

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
PTP81608BT06 CTMICRO-PTP81608BT06 Datasheet
935Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 0.2 Sep, 2018
PTP81608BT09 CTMICRO-PTP81608BT09 Datasheet
806Kb / 9P
SMD Type Phototransistor with Daylight Filter
Rev 0.1 Jun, 2017
PTP81608T08 CTMICRO-PTP81608T08 Datasheet
1,002Kb / 10P
SMD Type Phototransistor
Rev 0 Jan, 2019
PTP81708T06 CTMICRO-PTP81708T06 Datasheet
906Kb / 10P
SMD Type Phototransistor
Rev 0 Sep, 2017
PTP82406BT14 CTMICRO-PTP82406BT14 Datasheet
923Kb / 10P
SMD Type Phototransistor with Daylight Filter
Rev 1 Apr, 2018
More results

Similar Description - PTP8

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OMB5200 ORIONFANS-OMB5200 Datasheet
1Mb / 1P
OMB5200 Series 432x348x132.6 (17' x 13.7' x 5.22') OA300ST Series 432x203x44.5mm (17' x 8' x 1.75')
logo
ON Semiconductor
NTNS3A91PZ ONSEMI-NTNS3A91PZ Datasheet
99Kb / 3P
Small Signal MOSFET .20 V, .214 mA, Single P.Channel, 0.62 x 0.62 x 0.4 mm XLLGA3 Package
June, 2012 ??Rev. P2
logo
Molex Electronics Ltd.
02-06-1202 MOLEX5-02-06-1202 Datasheet
69Kb / 1P
TERMINAL FOR USE WHITH 1.57/0.62 DIA. SERIES HOUSINGS
logo
Savantic, Inc.
2N4904 SAVANTIC-2N4904 Datasheet
113Kb / 3P
Silicon PNP Power Transistors
logo
List of Unclassifed Man...
PL153 ETC2-PL153 Datasheet
75Kb / 1P
.20 x .56 Thread-on Chisel Tip for Standard & DI Line Heaters
PTA7B ETC2-PTA7B Datasheet
48Kb / 1P
.062 x .62 x 700 PT Series Screwdriver Tip for TC201 Series Iron
logo
Diodes Incorporated
DMN5L06K DIODES-DMN5L06K_15 Datasheet
265Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
March 2014
logo
Keysight Technologies
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
X-Series Oscilloscopes
logo
ON Semiconductor
NTNS5K0P021Z ONSEMI-NTNS5K0P021Z Datasheet
178Kb / 6P
MOSFET ??Single P-Channel, Small Signal, XDFN3, 0.62 x 0.42 x 0.4 mm -20 V, -127 mA
June, 2019 ??Rev. 0
logo
Balluff Korea Ltd.
BCC031A BALLUFF-BCC031A Datasheet
105Kb / 2P
Single-Ended Cordsets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com