Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12C-PVC-4-R-F-5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M12C-PVC-4-R-F-5
Description  HIGH ACCURACY TRANSDUCERS micro-machined silicon with VACUUM PRESSURE RANGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M12C-PVC-4-R-F-5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M12C-PVC-4-R-F-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers M12C-PVC-4-R-F-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B-19
HIGH ACCURACY TRANSDUCERS
wITH VACUUm PRESSURE RANGES
Custom Models Available!
PX419-015VI
PX429-015VV
All models shown smaller than actual size.
PX409-005V5V
Product Label
Hex 22 (0.87) AF
¼-18 NPT
Pressure Adaptor
22
(0.88)
81 (3.2)
81 (3.2)
¼-18 NPT
Pressure Adaptor
Hex 2.5 (1.0) AF
Conduit back end PXM409C
Integral cable back end PXM409
28
(1.1)
5
(0.2)
Twist lock back end PXM429
Vent with
porous plug
(gage units only)
mini DIN back end PXM419
5
(0.2)
5
(0.2)
22
(0.88)
Vent with porous plug
(gage units only)
Glass to medal sealed pins PXM449
5
(0.2)
Integral cable back end PXM409
9
(0.354)
Dimensions: mm (inch)
Comes complete with 5-point NIST traceable calibration, calibrated with electrical connection up.
* To order cable version with 1⁄2 NPT conduit fitting, specify model PX409C, no extra cost.
** To order with 0 to 10 Vdc output change “5V” to “10V” in model number, no extra cost.
Metric threads and ranges also available.
Ordering Examples: PX409-015VV, cable termination, 0 to -15 psig vacuum range, 10 mV/V output.
PX459-001V5V, M12 termination, 0 to -1 psi vacuum range, 0 to 5 Vdc output.
ACCESSORIES
MODEL NO.
DESCRIPTION
M12C-PVC-4-S-F-5
PVC cable, straight 4-pin M12 female connector one end, flying leads
one end, 5 m (16.4') long, for PX459
M12C-PVC-4-R-F-5
PVC cable, right angled 4-pin M12 female connector one end, flying leads one end,
5 m (16.4') long, for PX459
To Order
VACUUM (NEGATIVE GAGE) RANGES
RANGE
psi VACUUM
mbar
2 m (6') CABLE
mini DIN
TWIST-LOCK
M12 CONN.
NEGATIVE GAGE
GAGE
TERMINATION
TERMINATION
TERMINATION
TERMINATION
PRESSURE
PRESSURE
MODEL NO.*
MODEL NO.
MODEL NO.
MODEL NO.
0 to 100 mV (@ 10 Vdc) OUTPUT
0 to -10 inH2O
0 to -25
PX409-10WVV
PX419-10WVV
PX429-10WVV
PX459-10WVV
0 to -1
0 to -69
PX409-001VV
PX419-001VV
PX429-001VV
PX459-001VV
0 to -2.5
0 to -172
PX409-2.5VV
PX419-2.5VV
PX429-2.5VV
PX459-2.5VV
0 to -5
0 to -345
PX409-005VV
PX419-005VV
PX429-005VV
PX459-005VV
0 to -15
0 to -1034
PX409-015VV
PX419-015VV
PX429-015VV
PX459-015VV
0 to 5 Vdc OUTPUT**
0 to -10 inH2O
0 to -25
PX409-10WV5V
PX419-10WV5V
PX429-10WV5V
PX459-10WV5V
0 to -1
0 to -69
PX409-001V5V
PX419-001V5V
PX429-001V5V
PX459-001V5V
0 to -2.5
0 to -172
PX409-2.5V5V
PX419-2.5V5V
PX429-2.5V5V
PX459-2.5V5V
0 to -5
0 to -345
PX409-005V5V
PX419-005V5V
PX429-005V5V
PX459-005V5V
0 to -15
0 to -1034
PX409-015V5V
PX419-015V5V
PX429-015V5V
PX459-015V5V
4 to 20 mA OUTPUT
0 to -10 inH2O
0 to -25
PX409-10WVI
PX419-10WVI
PX429-10WVI
PX459-10WVI
0 to -1
0 to -69
PX409-001VI
PX419-001VI
PX429-001VI
PX459-001VI
0 to -2.5
0 to -172
PX409-2.5VI
PX419-2.5VI
PX429-2.5VI
PX459-2.5VI
0 to -5
0 to -345
PX409-005VI
PX419-005VI
PX429-005VI
PX459-005VI
0 to -15
0 to -1034
PX409-015VI
PX419-015VI
PX429-015VI
PX459-015VI
Metric threads available
Cable
style.
Twist-lock
style.
mini DIN
style.
PX429 TWIST LOCK PINOUT
PIN
mV
5/10V
mA
A
+ EXC
+ EXC
+ Supply
B
– EXC Common
– Supply
C
+ SIG
+ Output
NC
D
– SIG
NC
NC
E
NC
NC
NC
F
NC
NC
NC
PX419 and PX459 PIN OUT
PIN
mV
5/10V
mA
1
+ EXC
+ EXC
+ Supply
2
– EXC Common
– Supply
3
+ SIG
+ Output
NC
4
– SIG
NC
NC
PX409 and PX409C CABLE CONNECTION
COLOR
mV
5/10V
mA
Black
– EXC Common – Supply
White
+ SIG + Output
NC
Green
– SIG
NC
NC
Red
+ EXC
+ EXC
+ Supply



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com