Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M12C-PVC-4-R-F-5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M12C-PVC-4-R-F-5
Description  HIGH ACCURACY TRANSDUCERS micro-machined silicon with VACUUM PRESSURE RANGES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M12C-PVC-4-R-F-5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M12C-PVC-4-R-F-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers M12C-PVC-4-R-F-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B-18
B
HIGH ACCURACY TRANSDUCERS
mICRo-mACHINED SIlICoN wITH
VACUUm PRESSURE RANGES
Vacuum Pressure Ranges
mV/V, Voltage or Current outputs
U
High Accuracy
±0.08% BSL Includes
Linearity, Hysteresis,
and Repeatability
U
Broad Temperature
Compensated Range
-29 to 85°C (-20 to 185°F)
U
Premium Temperature
Performance Span:
±0.5% Over
Compensated Range
U
5-Point NIST Traceable
Calibration Included
U
All Stainless Steel
Wetted Parts
U
Fast Response Time
U
Solid State Reliability
and Stability
U
400% Proof Pressure
Minimum
OMEGA’s PX409 Series high
accuracy uni-directional vacuum
range (negative gage pressure)
models have all stainless
steel wetted parts and welded
construction and premium
temperature compensation which
makes them suitable for use in
tough industrial environments.
Vacuum models measure negative
gage pressure with increasing
output for increasing negative
pressure. Ranges are from -10
inH2O to -15 psi with uni-directional
outputs of 10 mV/V, 0 to 5 Vdc and
4 to 20 mA (ambient set at 4 mA).
SPECIFICATIONS
Output:
Millivolt: 0 to 10 mV/V for vacuum
Amplified Voltage: 0 to 5 Vdc
for vacuum
Current Loop: 4 to 20 mA
Power Requirements:
Millivolt: 5 to 10 Vdc (2 mA @ 10 Vdc)
Amplified Voltage:
10 to 30 Vdc @ 10 mA
Current Loop: 9 to 30 Vdc
[max loop res = [(Vs-9) x 50]
[9 to 20 Vdc above 105°C (229°F)]
CE Compliant: Meets industrial emission
and immunity standard EN61326
Accuracy (Combined Linearity,
Hysteresis and Repeatability):
±0.08% BSL max
Zero Balance: ±0.5% FS typical
1% max (1% typical, 2% max
for ranges 1 psi and below)
Span Setting: ±0.5% FS typical 1% max
(1% typical, 2% max for ranges 1 psi and
below) calibrated in vertical direction
with fitting down
Operating Temperature Range:
-45 to 121°C (-49 to 250°F)
[-45 to 115°C (-49 to 240°F)
for voltage or current outputs]
Compensated Temperature:
Ranges >5 psi: -29 to 85°C
(-20 to 185°F)
Ranges ≤5 psi: -17 to 85°C
(0 to 185°F)
Thermal Effects Zero (@ 0 psig
Over Compensated Range):
Ranges >5 psi: ±0.5% span
Ranges ≤5 psi: ±1.0% span
Thermal Effects Span (Over
Compensated Range):
Ranges >5 psi: ±0.5% span
Ranges ≤5 psi: ±1.0% span
Long Term Stability (1-Year):
±0.1% FS typical
Shock: 50 g, 11 mS half sine, vertical
and horizontal axis
Vibration: 5-2000-5 Hz, 30 minute
cycle, Curve L, Mil-Spec 810 figure
514-2-2, vertical and horizontal axis
Response Time: <1 ms
Bandwidth: DC to 1 kHz typical
Proof Pressure (positive direction):
10 inH2O: 10 times full scale
1 psi: 6 times full scale
2.5 psi and Higher: 4 times full scale
(Negative direction 4 times or
1 atmosphere whichever is greater)
Burst Pressure:
10 inH2O to 15 psi: 1000 psi
Electrical Termination:
PX409: Integral 2 m (6') cable
PX419: mini DIN
PX429: Twist-lock
PX459: M12 4-pins
Mating Connectors:
PX419: CX5302 (included)
PX429: PT06F10-6S (sold separately)
Environmental Protection:
PX409: IP67
PX419, PX429 and PX459: IP65
Wetted Parts: 316 SS
Pressure Port: 1⁄4-18 NPT male
Calibration: Comes with 5-point
calibration certificate
Weight: 115 to 200 g (4 to 7 oz)
depending upon configuration
IP67 rated
PX409-015VV
0 to -15 psi vaccum range
shown actual size.
IP65 rated
PX419-001V5V
0 to -1 psi vacuum range
shown actual size.
mini DIN
style.
Standard
PX409 Series
Metric threads available
Cable style.


Similar Part No. - M12C-PVC-4-R-F-5

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
M12C-PVC-4-R-F-5 OMEGA-M12C-PVC-4-R-F-5 Datasheet
353Kb / 1P
Micro-DC Cable Assemblies For Probes, Sensors and Transmitters
M12C-PVC-4-R-F-5 OMEGA-M12C-PVC-4-R-F-5 Datasheet
2Mb / 8P
Sanitary Pressure Transducers and Transmitters Using Micro-Machined Silicon Technology 10 mV/V, 0 to 5 Vdc, 4 to 20 mA Outputs
logo
List of Unclassifed Man...
M12C-PVC-4-R-F-5 ETC-M12C-PVC-4-R-F-5 Datasheet
567Kb / 2P
HIGH ACCURACY TRANSDUCERS micro-machined silicon FOR BAROMETRIC PRESSURE MEASUREMENT
More results

Similar Description - M12C-PVC-4-R-F-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DCXL ETC-DCXL Datasheet
147Kb / 4P
Ultra Low Pressure Sensors Millivolt Output High Accuracy Compensation Full Scale Pressure Ranges
logo
Copal Electronics
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
PRESSURE TRANSDUCERS WITH AMP.
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
Pressure Transducers with Amp
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
Pressure Transducers with Amp.
PA-20 COPAL-PA-20_16 Datasheet
78Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
PRESSURE TRANSDUCERS WITH AMP
logo
MKS Instruments.
AA07A MKS-AA07A Datasheet
327Kb / 4P
MICRO-BARATRON PRESSURE TRANSDUCERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com