Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS55 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CS55
Description  RF COILS < SMD Type: CS Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CS55 Datasheet(HTML) 2 Page - Sumida Corporation

  CS55 Datasheet HTML 1Page - Sumida Corporation CS55 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CS55, CS55B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
RF COILS < SMD Type: CS Series>
◆ Specification-1
(CS55
Part Number: 5210-T337 )
Item
(1−3)
Measuring Condition
Tuning capacity
44.7pF±1% Within
50MHz
Unloaded
Q
25 Min.
50MHz
◆ Specification-2
(CS55B
Part Number: S0746399 )
Item
(1−3)
Measuring Condition
Frequency
27.85MHz± 5%
Within
Unloaded Q
25
Min.
27.85MHz
Tuning Capacity(Int.)
82pF±10%
Ext. stray capacity 0pF between (1-3) at measuring.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com