Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS55 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CS55
Description  RF COILS < SMD Type: CS Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CS55 Datasheet(HTML) 1 Page - Sumida Corporation

  CS55 Datasheet HTML 1Page - Sumida Corporation CS55 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CS55, CS55B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
RF COILS < SMD Type: CS Series>
◆ Product Description
・6.2×5.9mm Max.(L×W), 5.5mm Max. Height.
・Inductance: 0.1μH ~5μH Max.
・Operating frequency:3 MHz ~150MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
◆ Feature
・Variable shielded RF type.
・Built-in chip condenser(2012 SIZE chip for CS55,1608 SIZE chip for CS55B ) are available.
・RoHS Compliance
◆ Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
* Dimensions without tolerance are approx.
◆Connection (Bottom View)
◆Land Patterns(mm)
CS55
CS55B
“S”is winding start.
5.5 Max .
5.6 ± 0.3
0.9
6.2
0. 2
3
2
1
4
6
S
3
2
1
4
6
S


Similar Part No. - CS55

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5501 CIRRUS-CS5501 Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
CS5501 CIRRUS-CS5501 Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AP CIRRUS-CS5501-AP Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-AS CIRRUS-CS5501-AS Datasheet
520Kb / 54P
Low-Cost, 16 & 20-Bit Measurement A/D Converter
CS5501-BP CIRRUS-CS5501-BP Datasheet
702Kb / 54P
Non-aliasing, 16- & 20-bit A/D Converters
More results

Similar Description - CS55

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS-4 SUMIDA-CS-4 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS-4 Series>
CY-4 SUMIDA-CY-4 Datasheet
88Kb / 2P
Filter Coils < SMD Type: CY Series>
CFB3-6 SUMIDA-CFB3-6 Datasheet
152Kb / 2P
Filter Coils< SMD Type: CFB Series>
CPG54 SUMIDA-CPG54 Datasheet
34Kb / 1P
IFT COILS < SMD Type: CPG Series>
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
CS54 SUMIDA-CS54 Datasheet
33Kb / 1P
RF COILS < SMD Type: CS Series>
CS-5F SUMIDA-CS-5F Datasheet
30Kb / 1P
RF COILS < SMD Type: CS Series>
CS-5LN SUMIDA-CS-5LN Datasheet
38Kb / 1P
RF COILS < SMD Type: CS Series>
CY-4T SUMIDA-CY-4T Datasheet
89Kb / 2P
Filter Coils < SMD type: CY Series>
CFE654 SUMIDA-CFE654 Datasheet
126Kb / 1P
RF Coils < SMD Type: CFE Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com