Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC640M Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74HC640M
Description  CDx4HC640 CDx4HCT640 High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC640M Datasheet(HTML) 3 Page - Texas Instruments

  CD74HC640M Datasheet HTML 1Page - Texas Instruments CD74HC640M Datasheet HTML 2Page - Texas Instruments CD74HC640M Datasheet HTML 3Page - Texas Instruments CD74HC640M Datasheet HTML 4Page - Texas Instruments CD74HC640M Datasheet HTML 5Page - Texas Instruments CD74HC640M Datasheet HTML 6Page - Texas Instruments CD74HC640M Datasheet HTML 7Page - Texas Instruments CD74HC640M Datasheet HTML 8Page - Texas Instruments CD74HC640M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
4 Pin Configuration and Functions
J, N and DW Package
20-Pin CDIP, PDIP or SOIC
Top View
www.ti.com
CD54HC640, CD74HC640, CD54HCT640, CD74HCT640
SCHS192C – NOVEMBER 1998 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54HC640 CD74HC640 CD54HCT640 CD74HCT640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com