Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC640M Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC640M
Description  CDx4HC640 CDx4HCT640 High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC640M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC640M Datasheet HTML 1Page - Texas Instruments CD74HC640M Datasheet HTML 2Page - Texas Instruments CD74HC640M Datasheet HTML 3Page - Texas Instruments CD74HC640M Datasheet HTML 4Page - Texas Instruments CD74HC640M Datasheet HTML 5Page - Texas Instruments CD74HC640M Datasheet HTML 6Page - Texas Instruments CD74HC640M Datasheet HTML 7Page - Texas Instruments CD74HC640M Datasheet HTML 8Page - Texas Instruments CD74HC640M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CDx4HC640 CDx4HCT640 High-Speed CMOS Logic Octal Three-State Bus
Transceiver, Inverting
1 Features
• Buffered inputs
• Three-state outputs
• Applications in multiple-data-bus architecture
• Fanout (over temperature range)
– Standard outputs : 10 LSTTL loads
– Bus driver outputs : 15 LSTTL loads
• Wide operating temperature range : -55oC to
125oC
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic IC's
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility, VIL = 0.8
V(Max), VIH = 2 V(Min)
– CMOS input compatibility, II ≤ 1µA at VOL, VOH
2 Description
The CDx4HC640 and CDx4HCT640 are inverting
octal bus transceivers with 3-state outputs.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
CD54HC640
J (CDIP, 20)
26.92 mm × 6.92 mm
CD74HC640
N (PDIP, 20)
25.4 mm × 6.35 mm
DW (SOIC, 20)
12.80 mm × 7.50 mm
CD54HCT640
J (CDIP, 20)
26.92 mm × 6.92 mm
CD74HCT640
N (PDIP, 20)
25.40 mm × 6.35 mm
DW (SOIC, 20)
12.80 mm × 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram
CD54HC640, CD74HC640, CD54HCT640, CD74HCT640
SCHS192C – NOVEMBER 1998 – REVISED JULY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74HC640M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC640M TI-CD74HC640M Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640M TI-CD74HC640M Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640ME4 TI-CD74HC640ME4 Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC640MG4 TI-CD74HC640MG4 Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
More results

Similar Description - CD74HC640M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC652 TI-CD74HC652 Datasheet
72Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
Octal-Bus Transceiver Three-State, Non-Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC646 TI1-CD74HC646 Datasheet
327Kb / 14P
High-Speed CMOS Logic Octal Bus Transceiver/Register, Three-State
CD74HC652 TI1-CD74HC652_15 Datasheet
139Kb / 13P
High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com