Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25501F3 Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD25501F3
Description  CSD25501F3 –20V P-Channel FemtoFET™ MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD25501F3 Datasheet(HTML) 3 Page - Texas Instruments

  CSD25501F3 Datasheet HTML 1Page - Texas Instruments CSD25501F3 Datasheet HTML 2Page - Texas Instruments CSD25501F3 Datasheet HTML 3Page - Texas Instruments CSD25501F3 Datasheet HTML 4Page - Texas Instruments CSD25501F3 Datasheet HTML 5Page - Texas Instruments CSD25501F3 Datasheet HTML 6Page - Texas Instruments CSD25501F3 Datasheet HTML 7Page - Texas Instruments CSD25501F3 Datasheet HTML 8Page - Texas Instruments CSD25501F3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
4 Specifications
4.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0V, IDS = –250μA
–20
V
IDSS
Drain-to-source leakage current
VGS = 0V, VDS = –16V
–50
nA
IGSS
Gate-to-source leakage current
VDS = 0V, VGS = –6V
–50
nA
VDS = 0V, VGS = –16V
–1
mA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = –250μA
–0.45
–0.75
–1.05
V
RDS(on)
Drain-to-source on-resistance
VGS = –1.8V, IDS = –0.1A
120
260
mΩ
VGS = –2.5V, IDS = –0.4A
86
125
VGS = –4.5V, IDS = –0.4A
64
76
gfs
Transconductance
VDS = –2V, IDS = –0.4A
3.4
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0V, VDS = –10V,
ƒ = 100kHz
295
385
pF
Coss
Output capacitance
70
91
pF
Crss
Reverse transfer capacitance
4.1
5.3
pF
RG
Series gate resistance
33
Ω
RC
Series clamp resistance
10,000
Ω
Qg
Gate charge total (–4.5 V)
VDS = –10V, IDS = –0.4A
1.02
1.33
nC
Qgd
Gate charge gate-to-drain
0.09
nC
Qgs
Gate charge gate-to-source
0.45
nC
Qg(th)
Gate charge at Vth
0.36
nC
Qoss
Output charge
VDS = –10V, VGS = 0V
1.8
nC
td(on)
Turnon delay time
VDS = –10V, VGS = –4.5V,
IDS = –0.4A, RG = 0Ω
474
ns
tr
Rise time
428
ns
td(off)
Turnoff delay time
1154
ns
tf
Fall time
945
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = –0.4A, VGS = 0V
–0.73
–0.95
V
Qrr
Reverse recovery charge
VDS = –10V, IF = –0.4A, di/dt = 200A/μs
3.0
nC
trr
Reverse recovery time
7.4
ns
4.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
TYPICAL VALUES
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
90
°C/W
Junction-to-ambient thermal resistance(2)
255
°C/W
(1)
Device mounted on FR4 material with 1in2 (6.45cm2), 2oz (0.071mm) thick Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
www.ti.com
CSD25501F3
SLPS692C – OCTOBER 2017 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CSD25501F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com