Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25501F3 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD25501F3
Description  CSD25501F3 –20V P-Channel FemtoFET™ MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD25501F3 Datasheet(HTML) 1 Page - Texas Instruments

  CSD25501F3 Datasheet HTML 1Page - Texas Instruments CSD25501F3 Datasheet HTML 2Page - Texas Instruments CSD25501F3 Datasheet HTML 3Page - Texas Instruments CSD25501F3 Datasheet HTML 4Page - Texas Instruments CSD25501F3 Datasheet HTML 5Page - Texas Instruments CSD25501F3 Datasheet HTML 6Page - Texas Instruments CSD25501F3 Datasheet HTML 7Page - Texas Instruments CSD25501F3 Datasheet HTML 8Page - Texas Instruments CSD25501F3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CSD25501F3 –20V P-Channel FemtoFET™ MOSFET
1 Features
• Low on-resistance
• Ultra-low Qg and Qgd
• Ultra-small footprint
– 0.7mm × 0.6mm
• Low profile
– 0.22mm max height
• Integrated ESD protection diode
• Lead and halogen free
• RoHS compliant
2 Applications
• Optimized for load switch applications
• Battery applications
• Handheld and mobile applications
3 Description
This –20V, 64mΩ, P-Channel FemtoFET™ MOSFET
is designed and optimized to minimize the footprint
in many handheld and mobile applications. This
technology is capable of replacing standard small
signal MOSFETs while providing a substantial
reduction in footprint size. The integrated 10kΩ clamp
resistor (RC) allows the gate voltage (VGS) to be
operated above the maximum internal gate oxide
value of –6V, depending on duty cycle. The gate
leakage (IGSS) through the diode increases as VGS is
increased above –6V.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
–20
V
Qg
Gate Charge Total (–4.5V)
1.02
nC
Qgd
Gate Charge Gate-to-Drain
0.09
nC
RDS(on)
Drain-to-Source
On-Resistance
VGS = –1.8V
120
mΩ
VGS = –2.5V
86
VGS = –4.5V
64
VGS(th)
Threshold Voltage
–0.75
V
Device Information
DEVICE(1)
QTY
MEDIA
PACKAGE
SHIP
CSD25501F3
3000
7 Inch Reel
Femto
0.73mm × 0.64mm
Land Grid Array (LGA)
Tape
and
Reel
CSD25501F3T
250
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C (unless otherwise stated)
VALUE
UNIT
VDS
Drain-to-Source Voltage
–20
V
VGS
Gate-to-Source Voltage
–20
V
ID
Continuous Drain Current(1)
–3.6
A
IDM
Pulsed Drain Current(1) (2)
–13.6
A
PD
Power Dissipation(1)
500
mW
V(ESD)
Human Body Model (HBM)
4000
V
Charged Device Model (CDM)
2000
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
(1)
Typical RθJA = 255°C/W mounted on FR4 material with
minimum Cu mounting area.
(2)
Pulse duration ≤ 100μs, duty cycle ≤ 1%.
0.7 mm
0.6 mm
0.2 mm
Typical Part Dimensions...............
R
G
D
G
S
R
C
Top View.........
CSD25501F3
SLPS692C – OCTOBER 2017 – REVISED JUNE 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD25501F3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
CSD25501F3T TI1-CSD25501F3T Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results

Similar Description - CSD25501F3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23280F3 TI1-CSD23280F3 Datasheet
1Mb / 14P
12V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD25480F3 TI1-CSD25480F3 Datasheet
1Mb / 14P
20V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
20-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com