Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86553150TLF Datasheet(PDF) 8 Page - Amphenol Communications Solutions

Part # 86553150TLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

86553150TLF Datasheet(HTML) 8 Page - Amphenol Communications Solutions

Back Button 86553150TLF Datasheet HTML 4Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 5Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 6Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 7Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 8Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 9Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 10Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 11Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 12Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
METAL HOODS
8• STRAIGHT EXIT FULL METAL HOOD WITH TWO METAL CLAMPS
Shell Size
Part Numbers
(in bulk)
Packaging
Part Numbers
(in individual set)
Packaging
A± 0.1
B± 0.5
C± 0.1
D± 0.1
E± 0.2 F max.
E (9)
8655MH0901LF
80
8655MH0911LF
50
55.00
45.00
34.40
24.99
14.70
7.85
A (15)
8655MH1501LF
80
8655MH1511LF
50
55.00
45.00
42.70
33.32
14.70
11.80
B (25)
8655MH2501LF
60
8655MH2511LF
50
55.00
45.00
56.70
47.04
14.70
11.80
C (37)
8655MH3701LF
40
8655MH3711LF
50
55.00
45.00
72.95
63.50
14.70
11.80
D (50)
8655MH5001LF
40
8655MH5011LF
50
55.00
45.00
70.60
61.11
14.70
14.10
• Material: Zamack
• Plating: Nickel
• Environment: Frequencies at 100Mz > 40dB
• Corrosion Resistance: 50 Hours exposure to salt spray
9• STRAIGHT EXIT METAL HOOD WITH PLASTIC SCREW HEAD
Shell Size
Part Numbers (in
bulk)
A
B
C
D
E
E
8655MH0901BLF
38.3
47.3
31
24.99
14.6
A
8655MH1501BLF
40.5
47.3
39.5
33.32
14.6
B
8655MH2501BLF
47.3
47.3
53.2
47.04
14.6
C
8655MH3701BLF
52.2
47.3
70.9
63.5
15
• Material: Zamack, nickel plated
• Cable Strain Relief: Steel fiber reinforced polycarbonate
• UL94V-0 for EMI/RFI screening
• Temperature Range: -40°C +120°C
• Environment: >40dB between 30MHz and 1GHz
• Packaging: Bulk, in box of 100 pieces
• Locking Screws: UNC 4-40 thread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com