Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86553150TLF Datasheet(PDF) 12 Page - Amphenol Communications Solutions

Part # 86553150TLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

86553150TLF Datasheet(HTML) 12 Page - Amphenol Communications Solutions

Back Button 86553150TLF Datasheet HTML 8Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 9Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 10Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 11Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 12Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 13Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 14Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 15Page - Amphenol Communications Solutions 86553150TLF Datasheet HTML 16Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
Size
Dim A
Dim B
Dim C
9-way
34.0
45.0
14.6
15-way
43.0
45.0
14.6
25-way
53.5
45.0
14.6
37-way
71.0
45.0
14.6
50-way
71.0
45.0
17.4
Description
Size
Part Numbers
DSUB METAL HOOD 09
9-way
8655BMET1A10KLF
DSUB METAL HOOD 15
15-way
8655BMAT1A10KLF
DSUB METAL HOOD 25
25-way
8655BMBT1A10KLF
DSUB METAL HOOD 37
37-way
8655BMCT1A10KLF
DSUB METAL HOOD 50
50-way
8655BMDT1A10KLF
14• STRAIGHT EXIT FULL METAL HOOD WITH RUBBER GROMMET, SHORT SCREWS
TECHNICAL INFORMATION
• Material: Zinc, Nickel Plated
• Operating Temperature Range: -40°C to +120°C
• Cable Entry: Top Entry
Rubber Grommet RGS
• Strain relief: Clamp + Insert
• Thumbscrews: UNC 4-40 (Standard)
M2.5 or M3 on request
• Cable O.D: Up to 11.5mm (Standard)
FEATURES
• 360° EMI Shielding
• Quick assembly
• Pre-mounted locking screws
• Supports all types of cables
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com