Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA200 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA200
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA200 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA200 Datasheet HTML 17Page - Texas Instruments INA200 Datasheet HTML 18Page - Texas Instruments INA200 Datasheet HTML 19Page - Texas Instruments INA200 Datasheet HTML 20Page - Texas Instruments INA200 Datasheet HTML 21Page - Texas Instruments INA200 Datasheet HTML 22Page - Texas Instruments INA200 Datasheet HTML 23Page - Texas Instruments INA200 Datasheet HTML 24Page - Texas Instruments INA200 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
12
14
16
18
20
22
V
(mV)
SENSE
24
INA202V
TestedLimit
OUT
(1)
V
CM2
V
CM1
V
CM3
V
CM4
V
,V
,andV
CM2
CM3
CM4 illustratethevariance
fromparttopartoftheV
thatcancause
CM
maximumV
withV
<20mV.
OUT
SENSE
V
testedlimitat
OUT
V
=0mV,0
V
£
CM1
SENSE
V
£
.
S
NOTE:(1)INA200V
TestedLimit=0.4V.INA201V
TestedLimit=1V.
OUT
OUT
Ideal
21
INA200, INA201, INA202
www.ti.com
SBOS374E – NOVEMBER 2006 – REVISED SEPTEMBER 2017
Product Folder Links: INA200 INA201 INA202
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 33. Example For Low VSENSE Case 2 (INA202, Gain = 100)
7.4.3 Transient Protection
The –16 to 80 V common-mode range of the INA20x devices is ideal for withstanding automotive fault conditions
ranging from 12-V battery reversal up to 80-V transients, since no additional protective components are required
up to those levels. In the event that the INA20x devices are exposed to transients on the inputs in excess of their
ratings, then external transient absorption with semiconductor transient absorbers (such as Zeners) are required.
TI does not recommend using MOVs or VDRs, except when they are used in addition to a semiconductor
transient absorber. Select the transient absorber so the absorber does not allow the INA20x devices to be
exposed to transients greater than 80 V (that is, allow for transient absorber tolerance and additional voltage due
to transient absorber dynamic impedance). Despite the use of internal Zener-type ESD protection, the INA20x
devices do not lend themselves to using external resistors in series with the inputs since the internal gain
resistors can vary up to ±30%. (If gain accuracy is not important, then resistors can be added in series with the
INA200, INA201, and INA202 inputs with two equal resistors on each input.)
7.4.4 Output Voltage Range
The output of the INA20x devices is accurate within the output voltage swing range set by the power supply pin
(VS.) This performance is best illustrated when using the INA202 (a gain of 100 version), where a 100-mV full-
scale input from the shunt resistor requires an output voltage swing of 10 V, and a power-supply voltage
sufficient to achieve 10 V on the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com