Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA200 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA200
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA200 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA200 Datasheet HTML 9Page - Texas Instruments INA200 Datasheet HTML 10Page - Texas Instruments INA200 Datasheet HTML 11Page - Texas Instruments INA200 Datasheet HTML 12Page - Texas Instruments INA200 Datasheet HTML 13Page - Texas Instruments INA200 Datasheet HTML 14Page - Texas Instruments INA200 Datasheet HTML 15Page - Texas Instruments INA200 Datasheet HTML 16Page - Texas Instruments INA200 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
G
0.6-V
Reference
Comparator
OUT
RESET
GND
VS
CMPOUT
VIN+
VIN-
CMPIN
13
INA200, INA201, INA202
www.ti.com
SBOS374E – NOVEMBER 2006 – REVISED SEPTEMBER 2017
Product Folder Links: INA200 INA201 INA202
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA200, INA201, and INA202 devices are high-side current-shunt monitors with voltage output. The INA20x
devices can sense drops across shunts at common-mode voltages from –16 V to 80 V. The INA200–INA202
devices are available with three output voltage scales: 20 V/V, 50 V/V, and 100 V/V, with up to 500-kHz
bandwidth. The INA200, INA201, and INA202 devices incorporate an open-drain comparator and internal
reference providing a 0.6-V threshold. External dividers set the current trip point. The comparator includes a
latching capability, that can be made transparent by grounding (or leaving open) the RESET pin. The INA200,
INA201, and INA202 devices operate from a single 2.7 to 18-V supply, drawing a maximum of 1800 μA of supply
current. Package options include the very small MSOP-8 and the SO-8. All versions are specified over the
extended operating temperature range of –40°C to +125°C.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Basic Connections
Figure 26 shows the basic connections of the INA20x devices. The input pins (VIN+ and VIN–) must be connected
as closely as possible with Kelvin connections to the shunt resistor to minimize any resistance in series with the
shunt resistance.
Power-supply bypass capacitors are required for stability. Applications with noisy or high-impedance power
supplies may require additional decoupling capacitors to reject power-supply noise. Connect bypass capacitors
close to the device pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com