Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4635 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4635
Description  Premium Silicone Covered Extension Jumper Wires - 200mm x 40
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4635 Datasheet(HTML) 1 Page - Adafruit Industries

  4635 Datasheet HTML 1Page - Adafruit Industries 4635 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
Premium Silicone Covered Extension
Jumper Wires - 200mm x 40
PRODUCT ID: 4635
 
These premium extension jumper wires are handy for making wire harnesses or
jumpering between headers on PCBs. They're 200mm (~7.8") long and come
loose as a pack of 40 (10 pieces of red, blue, yellow, and Adafruit black). They
have 0.1" socket 'female' header contacts on one end and 0.1" plug 'male'
header contacts on the other.
These jumper wires are a little more expensive than most because they use
silicone covered wires, they're a little more durable and they're more heat-
resistant than standard PVC covered wires.
We have tons of different Jumper Wires available, in all shapes and sizes!


Similar Part No. - 4635

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4635 VCC-4635 Datasheet
92Kb / 1P
Relampable Indicator Light
logo
AG Electronica
4635-92-30GB00 AGELECTRONICA-4635-92-30GB00 Datasheet
292Kb / 1P
CONECTOR DE 30X2 CONTACTOS SMD 1.27MM
31/10/2017
logo
Turck, Inc.
46354002 TURCK-46354002 Datasheet
1Mb / 3P
Inductive Sensor
11/07/2023
4635485 TURCK-4635485 Datasheet
355Kb / 3P
Inductive Sensor
11/07/2023
4635491 TURCK-4635491 Datasheet
1Mb / 3P
Inductive Sensor
11/07/2023
More results

Similar Description - 4635

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
PRT-08430 SPARKFUN-PRT-08430 Datasheet
101Kb / 1P
Jumper Wires Premium 6 F/F Pack of 10
4/12/2016
PRT-08431 SPARKFUN-PRT-08431 Datasheet
238Kb / 1P
Jumper Wires Premium 6 M/M Pack of 10
4/12/2016
PRT-09139 SPARKFUN-PRT-09139 Datasheet
173Kb / 1P
Jumper Wires Premium 6 M/F Pack of 100
4/12/2016
PRT-09194 SPARKFUN-PRT-09194 Datasheet
103Kb / 1P
Jumper Wires Premium 6" Mixed Pack of 100
4/12/2016
PRT-09387 SPARKFUN-PRT-09387 Datasheet
95Kb / 1P
Jumper Wires Premium 12 M/M Pack of 10
4/12/2016
PRT-09388 SPARKFUN-PRT-09388 Datasheet
95Kb / 1P
Jumper Wires Premium 12 M/M Pack of 100
4/12/2016
PRT-09389 SPARKFUN-PRT-09389 Datasheet
95Kb / 1P
Jumper Wires Premium 12 F/F Pack of 10
1??2??8
PRT-09390 SPARKFUN-PRT-09390 Datasheet
98Kb / 1P
Jumper Wires Premium 12 F/F Pack of 100
4/12/2016
PRT-10898 SPARKFUN-PRT-10898 Datasheet
199Kb / 1P
Jumper Wires Premium 6 F/F Pack of 100
4/12/2016
PRT-11710 SPARKFUN-PRT-11710 Datasheet
157Kb / 1P
Jumper Wires Premium 6 F/F - 20 AWG (10Pack)
4/12/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com