Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4635 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 4635
Description  Premium Silicone Covered Extension Jumper Wires - 200mm x 40
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4635 Datasheet(HTML) 2 Page - Adafruit Industries

  4635 Datasheet HTML 1Page - Adafruit Industries 4635 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For best results, when plugging headers into sockets, have the sides with the
'silver latch bit' sticking out since that side is a tiny bit wider than 0.1".
Please Note: The length of the jumper wires is sometimes a bit longer than what
is listed.
These cables have been referred to as "Male-Female" or "Female-Male" jumpers,
Adafruit is committed to updating terms and will continue to update product
names and work with the community as well as industry for positive changes to
outdated terminology.
We also carry these jumper wire bundles in Socket-Socket and Plug-Plug for all
your soft silicone wiring needs!
TECHNICAL DETAILS-
Length: 200mm (~ 7.8")
Each wire is 24AWG thickness 
 
 
 
https://www.adafruit.com/product/4635/8‐20‐20 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com