Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1F Datasheet(PDF) 2 Page - Multicomp Pro

Part # ES1F
Description  TVS Diodes ES1x Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ES1F Datasheet(HTML) 2 Page - Multicomp Pro

  ES1F Datasheet HTML 1Page - Multicomp Pro ES1F Datasheet HTML 2Page - Multicomp Pro ES1F Datasheet HTML 3Page - Multicomp Pro ES1F Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TVS Diodes
ES1x Series
Page <2>
10/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Notes : 1. Reverse recovery test conditions : IF = 0.5 A, IR = 1 A, I RR = 0.25 A
2. Measured at 1 MHz and applied VR = 4 V
3. PCB mounted on 0.2 × 0.2 inches (5 × 5 mm) copper pad area
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For
capacitive load, derate current by 20%
Ratings and Characteristic Curves (ES1A, ES1F, ES1G, ES1H and ES1J)
Maximum Forward Current Derating Curve
Lead Temperature (°C)
Type Number
Symbol
ES1A
ES1F
ES1G
ES1H
ES1J
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
210
280
350
420
Maximum DC Blocking Voltage
VDC
50
300
400
500
600
Maximum Average Forward Rectified Current
I(AV)
1
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
Maximum Instantaneous Forward Voltage at 1 A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current at TA = 25°C
at Rated DC Blocking Voltage at TA = 100°C
IR
5
100
µA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance ( Note 2 )
Cj
10
8
pF
Maximum Thermal Resistance (Note 3)
RθJA
RθJL
85
35
°C / W
Operating Temperature Range
TJ
-55 to 150
°C
Storage Temperature Range
TSTG
Maximum Non-Repetitive Peak Forward Surge Current
Number of Cycles at 60 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com