Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1F Datasheet(PDF) 1 Page - Multicomp Pro

Part # ES1F
Description  TVS Diodes ES1x Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ES1F Datasheet(HTML) 1 Page - Multicomp Pro

  ES1F Datasheet HTML 1Page - Multicomp Pro ES1F Datasheet HTML 2Page - Multicomp Pro ES1F Datasheet HTML 3Page - Multicomp Pro ES1F Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TVS Diodes
ES1x Series
Page <1>
10/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Features:
• Glass passivated junction chip
• For surface mounted application
• Low profile package
• Built-in strain relief
• Ideal for automated placement
• Easy pick and place
• Super fast recovery time for high efficiency
• Glass passivated chip junction
• High temperature soldering : 260°C / 10 seconds at terminals
• Plastic material
SMA/DO-214AC
Dimensions : Inches (Millimetres)
Mechanical Data
Case
: Moulded plastic
Terminals
: Pure tin plated, lead free
Polarity
: Indicated by cathode band
Standard Packaging
: 12 mm tape (EIA STD RS-481)
Weight
: 0.064 g


Similar Part No. - ES1F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
ES1F SANKEN-ES1F Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
ES1F SANKEN-ES1F Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
logo
Taiwan Semiconductor Co...
ES1F TSC-ES1F Datasheet
58Kb / 2P
1.0 AMP. Super Fast Surface Mount Rectifiers
ES1F TSC-ES1F Datasheet
132Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES1F BILIN-ES1F Datasheet
58Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - ES1F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD24VS2U INFINEON-ESD24VS2U Datasheet
617Kb / 10P
Silicon TVS diodes
2009-02-18
ESD5V0S INFINEON-ESD5V0S Datasheet
153Kb / 8P
Silicon TVS Diodes
2007-12-07
logo
List of Unclassifed Man...
P6SMB6V8CA ETC2-P6SMB6V8CA Datasheet
352Kb / 4P
TVS Diodes P6SMB Series
logo
Yea Shin Technology Co....
YSESD3ZXXBT1G YEASHIN-YSESD3ZXXBT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z3.3BT1G YEASHIN-YSESD3Z3.3BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z15BT1G YEASHIN-YSESD3Z15BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
YSESD3Z18BT1G YEASHIN-YSESD3Z18BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Guangdong Youtai Semico...
SDXXC UMW-SDXXC Datasheet
1Mb / 4P
Bidirectional TVS Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com