Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB Datasheet(PDF) 19 Page - Red Lion Controls. Inc

Part # PAXUSB
Description  MODEL PAX® - 1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB Datasheet(HTML) 19 Page - Red Lion Controls. Inc

Back Button PAXUSB Datasheet HTML 15Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 16Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 17Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 18Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 19Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 20Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 21Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 22Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 23Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
19
PARAMETER MENU

COUNTER C SCALE MULTIPLIER
The number of input counts is multiplied by the scale multiplier and the scale
factor to obtain the desired process value. A scale multiplier of 1 will result in
only the scale factor affecting the display. (Details on scaling calculations are
explained at the end of Module 1 section.)

 
COUNTER C OPERATING MODE


COUNTER C COUNT LOAD VALUE
When reset to count load action is selected, Counter C will reset to this value.

 
COUNTER C RESET POWER-UP
Counter C may be programmed to reset at each meter power-up.


COUNTER C RESET ACTION
When Counter C is reset, it returns to zero or Counter C count load value.
This reset action affects all Counter C resets, except the Setpoint Counter Auto
Reset Action in Module 6.

COUNTER C DECIMAL POSITION
This selects the decimal point position for Counter C and any setpoint value
assigned to Counter C. The selection will also affect Counter C scale factor
calculations.


COUNTER C SCALE FACTOR
The number of input counts is multiplied by the scale factor and the scale
multiplier to obtain the desired process value. A scale factor of 1.00000 will
result in the display of the actual number of input counts. For the  mode of
operation, the input signal is scaled directly. For   and   modes of
operation, the math is performed on the input signals and then the result is
scaled. To achieve correct results, both Input A and Input B must provide the
same amount of pulses per unit of measurement. (Details on scaling calculations
are explained at the end of Module 1 section.)

to 

to 






Module 5 is the programming for Counter C. For maximum input frequency,
the counter operating mode should be set to  when not in use. When set to

the remaining related parameters are not accessible. The C annunciator
indicates that Counter C is being shown in the Display Mode. An Exchange
Parameter List feature for scale factor and count load values is explained in
Module 2.






 
 

Select the operating mode for Counter C.

Does not count.
Counter C counts the incoming pulses from Counter A input as
per Counter A mode of operation. The signal is scaled only
according to Counter C parameters.
 
Counter C counts the incoming pulses from Counter A and B
inputs as per Counter A and B modes of operation. The result
is scaled only according to Counter C parameters. (Example:
If Counter A is set for Count X1 mode and Counter B is set for
Count X2 mode, then Counter C will increment by 1 for each
pulse received on Input A and increment by 2 for each pulse
received on Input B. Counter C scale settings are then applied
and the result is displayed.)
 
Counter C counts the incoming pulses from Counter A and B
inputs as per Counter A and B modes of operation and
subtracts the B counts from the A counts. The result is scaled
only according to Counter C parameters. (Example: If Counter
A is set for Count X1 mode and Counter B is set for Count X2
mode, then Counter C will increment by 1 for each pulse
received on Input A and decrement by 2 for each pulse
received on Input B. Counter C scale settings are then applied
and the result is displayed.)
Note: When using Add Ab or Sub Ab, Counter A, B and C must all be reset
at the same time for the math to be performed on the display values.

((PAXI only)
See Serial Communications for details.
6.5 mOdule 5 - COunTer C inpuT parameTers ()
paXC & i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com