Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB Datasheet(PDF) 24 Page - Red Lion Controls. Inc

Part # PAXUSB
Description  MODEL PAX® - 1/8 DIN DIGITAL INPUT PANEL METERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB Datasheet(HTML) 24 Page - Red Lion Controls. Inc

Back Button PAXUSB Datasheet HTML 20Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 21Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 22Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 23Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 24Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 25Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 26Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 27Page - Red Lion Controls. Inc PAXUSB Datasheet HTML 28Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
SERIAL MODBUS COMMUNICATIONS
Modbus Communications requires that the Serial Communications Type
Parameter (tYPE) be set to Modbus RTU (Mbrtu) or Modbus ASCII (MbASC).
PAXI CONFIGURATION USING CRIMSON AND SERIAL
COMMUNICATIONS CARD
1. Install Crimson software.
2. Install RS232 or RS485 card and connect communications cable from PAXI
to PC.
3. Supply power to PAXI.
4. Configure serial parameters to Modbus RTU (Mbrtu), 38,400 baud, address
247. (Note:These are the factory default settings.)
5. Create a new file (File, New) or open an existing PAXI V3.0+ database.
6. Configure Crimson Link options (Link, Options) to the serial port which the
communication cable is attached (in step 2).
SUPPORTED FUNCTION CODES
FC03: Read Holding Registers
1. Up to 64 registers can be requested at one time.
2. HEX <8000> is returned for non-used registers.
FC04: Read Input Registers
1. Up to 64 registers can be requested at one time.
2. Block starting point can not exceed register boundaries.
3. HEX <8000> is returned in registers beyond the boundaries.
4. Input registers are a mirror of Holding registers.
FC06: Preset Single Register
1. HEX <8001> is echoed back when attempting to write to a read only register.
2. If the write value exceeds the register limit (see Register Table), then that
register value changes to its high or low limit. It is also returned in the
response.
FC16: Preset Multiple Registers
1. No response is given with an attempt to write to more than 64 registers at a
time.
2. Block starting point cannot exceed the read and write boundaries (40001-
41280).
3. If a multiple write includes read only registers, then only the write registers
will change.
4. If the write value exceeds the register limit (see Register Table), then that
register value changes to its high or low limit.
FC08: Diagnostics
The following is sent upon FC08 request:
Module Address, 08 (FC code), 04 (byte count), “Total Comms” 2 byte count,
“Total Good Comms” 2 byte count, checksum of the string
“Total Comms” is the total number of messages received that were addressed
to the PAXI. “Total Good Comms” is the total messages received by the
PAXI with good address, parity and checksum. Both counters are reset to
0 upon response to FC08 and at power-up.
FC17: Report Slave ID
The following is sent upon FC17 request:
RLC-PAXI_V3 <a><b><0300h><0040h><0040h><0010h>
<a> = SP Card Status. “0”-None, “2”-Dual, “4”-Quad
<b> = Linear Card Status. “0”-Not Installed, “1”-Installed
<0300h> = Software Version Number (e.g. 3.00)
<0040h><0040h> = Max Register Reads/Writes (64)
<0010h> = Number of GUID/Scratch Pad Registers (16)
SUPPORTED EXCEPTION CODES
01: Illegal Function
Issued whenever the requested function is not implemented in the meter.
02: Illegal Data Address
Issued whenever an attempt is made to access a single register that does not
exist (outside the implemented space) or to access a block of registers that falls
completely outside the implemented space.
03: Illegal Data Value
Issued when an attempt is made to read or write more registers than the meter
can handle in one request.
07: Negative Acknowledge
Issued when a write to a register is attempted with an invalid string length.
PAXI MODBUS REGISTER TABLE
This table shows the most commonly used registers for the PAXI. The complete register table listing is available at http://www.redlion.net.
Values less than 65,535 will be in (Lo word). Values greater than 65,535 will continue into (Hi word). Negative values are represented by two’s complement of the
combined (Hi word) and (Lo word). The PAXI should not be powered down while parameters are being changed. Doing so may corrupt the non-volatile memory
resulting in checksum errors.
REGISTER
ADDRESS
REGISTER NAME
LOW LIMIT
HIGH LIMIT
FACTORY
SETTING
ACCESS
COMMENTS
FREQUENTLY USED REGISTERS
40001
Counter A Value (Hi word)
-99999999 999999999
0
Read/Write 1 = 1 Display Unit
40002
Counter A Value (Lo word)
40003
Counter B Value (Hi word)
-99999999 999999999
0
Read/Write 1 = 1 Display Unit
40004
Counter B Value (Lo word)
40005
Counter C Value (Hi word)
-99999999 999999999
0
Read/Write 1 = 1 Display Unit
40006
Counter C Value (Lo word)
40007
Rate Value (Hi word)
0
99999
0
Read/Write 1 = 1 Display Unit
40008
Rate Value (Lo word)
40009
Min (Lo) Value (Hi word)
0
99999
0
Read/Write 1 = 1 Display Unit
40010
Min (Lo) Value (Lo word)
40011
Max (Hi) Value (Hi word)
0
99999
0
Read/Write 1 = 1 Display Unit
40012
Max (Hi) Value (Lo word)
40013
Counter A Scale Factor (Hi word)
1
999999
100000
Read/Write Active List (A or B)
40014
Counter A Scale Factor (Lo word)
40015
Counter B Scale Factor (Hi word)
1
999999
100000
Read/Write Active List (A or B)
40016
Counter B Scale Factor (Lo word)
40017
Counter C Scale Factor (Hi word)
1
999999
100000
Read/Write Active List (A or B)
40018
Counter C Scale Factor (Lo word)
40019
Counter A Count Load (Hi word)
-99999
999999
500
Read/Write Active List (A or B)
40020
Counter A Count Load (Lo word)
40021
Counter B Count Load (Hi word)
-99999
999999
500
Read/Write Active List (A or B)
40022
Counter B Count Load (Lo word)
40023
Counter C Count Load (Hi word)
-99999
999999
500
Read/Write Active List (A or B)
40024
Counter C Count Load (Lo word)
40025
Setpoint 1 Value (Hi word)
-199999
999999
100
Read/Write Active List (A or B)
40026
Setpoint 1 Value (Lo word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com