Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS203B0 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLS203B0
Description  Linear Voltage Post Regulator Low Dropout, Low Noise, 3.3 V, Adjustable, 300 mA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLS203B0 Datasheet HTML 21Page - Infineon Technologies AG TLS203B0 Datasheet HTML 22Page - Infineon Technologies AG TLS203B0 Datasheet HTML 23Page - Infineon Technologies AG TLS203B0 Datasheet HTML 24Page - Infineon Technologies AG TLS203B0 Datasheet HTML 25Page - Infineon Technologies AG TLS203B0 Datasheet HTML 26Page - Infineon Technologies AG TLS203B0 Datasheet HTML 27Page - Infineon Technologies AG TLS203B0 Datasheet HTML 28Page - Infineon Technologies AG TLS203B0 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
TLS203B0
Application Information
Data Sheet
25
Rev. 1.2, 2015-01-12
The TLS203B0 is a 300 mA low dropout regulator with very low quiescent current and Enable-functionality. The
device is capable of supplying 300 mA at a dropout voltage of 270 mV. Output voltage noise numbers down to
24
µV
RMS can be achieved over a 10 Hz to 100 kHz bandwidth with the addition of a 10 nF reference bypass
capacitor. The usage of a reference bypass capacitor will additionally improve transient response of the regulator,
lowering the settling time for transient load conditions. The device has a low operating quiescent current of typical
30 µA that drops to less than 1 µA in shutdown (EN-pin pulled to low level). The device also incorporates several
protection features which makes it ideal for battery-powered systems. It is protected against both reverse input
and reverse output voltages.
6.1
Adjustable Operation
The adjustable version of the TLS203B0 has an output voltage range of 1.22 V to 20 V -
V
DR. The output voltage
is set by the ratio of two external resistors, as it can be seen in Figure 6. The device controls the output to maintain
the ADJ pin at 1.22 V referenced to ground. The current in R1 is then equal 1.22 V / R1 and the current in R2
equals the current in R1 plus the ADJ pin bias current. The ADJ pin bias current, which is ~60 nA @ 25 °C, flows
through R2 into the ADJ pin. The value of R1 should be not greater than 250 kΩ in order to minimize errors in the
output voltage caused by the ADJ pin bias current. Note that when the device is shutdown (i.e. low level applied
to EN pin) the output is turned off and consequently the divider current will be zero. For details of the ADJ Pin Bias
current see also the corresponding typical performance graph “Adjust Pin Bias Current versus Junction
Temperature TJ” on Page 20
.
6.2
Kelvin Sense Connection
For the fixed voltage version of the TLS203B0 the SENSE pin is the input to the error amplifier. An optimum
regulation will be obtained at the point where the SENSE pin is connected to the output pin Q of the regulator. In
critical applications however small voltage drops may be caused by the resistance
R
p of the PC-traces and thus
may lower the resulting voltage at the load. This effect may be eliminated by connecting the SENSE pin to the
output as close as possible at the load (see Figure 7). Please note that the voltage drop across the external PC
trace will add up to the dropout voltage of the regulator.
Figure 7
Kelvin Sense Connection
6.3
Bypass Capacitance and Low Noise Performance
The TLS203B0 regulator may be used in combination with a bypass capacitor connecting the output pin Q to the
BYP pin in order to minimize output voltage noise 1). This capacitor will bypass the reference of the regulator,
1) a good quality low leakage capacitor is recommended.
CI
I
GND
Q
EN
SENSE
BYP
TLS203B0
V
I
R
Load
C
Q
R
P
R
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com